Electronic Components Datasheet Search
  English  ▼

X  

FMB-26 Datasheet(PDF) 2 Page - Sanken electric

Part # FMB-26
Description  Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMB-26 Datasheet(HTML) 2 Page - Sanken electric

  FMB-26 Datasheet HTML 1Page - Sanken electric FMB-26 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
84
10
20
50
40
30
0
1
5
50
10
20ms
SPB-G34S
100
95
105
110
115
120
125
0
1.0
0.5
2.0
1.5
2.5
3.0
VR=40V
D.C.
t / T 1/6
=
t / T 1/ 3
=
t / T 1/2
=
Sinewave
30
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.0
1.2
Ta 125
°C
=
60
°C
100
°C
28
°C
100
10
1
0.1
0.01
0.005
010
30
50
60
20
40
100
°C
Ta 125
°C
=
60
°C
28
°C
SPB-64S
10
20
50
40
30
0
1
5
50
10
20ms
30
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.0
1.2
100
10
1
0.1
0.01
0.001
010
30
50
60
20
40
80
70
90
100
110
120
130
0
1.0
2.0
3.0
4.0
5.0
6.0
VR=40V
D.C.
t / T 1/6
=
t / T 1/ 3
=
t / T 1/2
=
Sinewave
Ta 125
°C
=
60
°C
100
°C
27
°C
100
°C
Ta 125
°C
=
60
°C
27
°C
10
20
50
40
30
60
0
1
5
50
10
20ms
SPB-G54S
80
70
90
100
110
120
130
0
1.0
2.0
3.0
4.0
5.0
VR=40V
30
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.0
1.2
D.C.
t / T 1/6
=
t / T 1/ 3
=
t / T 1/2
=
Sinewave
Ta 125
°C
=
60
°C
100
°C
28
°C
500
100
10
1
0.1
0.01
0.005
010
30
50
60
20
40
100
°C
Ta 125
°C
=
60
°C
28
°C
SPB-G56S
10
20
30
50
40
60
0
1
5
50
10
20ms
0
0.2
0.4
0.6
1.0
0.8
20
10
1
0.1
0.01
0.001
80
70
90
100
110
120
130
0
2.0
1.0
3.0
4.0
6.0
5.0
VR=60V
D.C.
t / T 1/6
=
t / T 1/ 3
=
t / T 1/2
=
Sinewave
Ta 125
°C
=
60
°C
100
°C
23
°C
0
2030
5060
70
10
40
100
°C
Ta 125
°C
=
60
°C
23
°C
50
10
1
0.1
0.01
0.001
SPB-66S
01
2
3
4
6
5
100
110
120
130
140
150
0
1
2
3
4
6
5
0
1
2
3
4
6
5
010
20
30
40
50
60
0
1
2
3
4
8
5
6
7
0
50
100
150
0
1
2
3
4
6
5
D.C.
Sinewave
t / T=1/2
t / T=1/3, Sinewave
t / T=1/6
D.C.
1– t / T=1/2
1– t / T=2/3
1– t / T=5/6
Tj=
150
°C
T
t
t / T=1/2
t/ T
=1/2
t / T=1/3, Sinewave
t/ T
=1/3
t / T=1/6
t/ T
=1/6
D.C.
Tj=150
°C
T
t
VR=0V
VR=60V
Tj=
150
°C
T
t
Sinewave
Tj
=150
°C
T
t
Tc— IF (AV) Derating
Case Temperature Tc
(
°C)
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Tc— IF (AV) Derating
Case Temperature Tc
(
°C)
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Tc— IF (AV) Derating
Case Temperature Tc
(
°C)
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Tc— IF (AV) Derating
Case Temperature Tc
(
°C)
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Tc— IF (AV) Derating
Case Temperature Tc
(
°C)
Tc— IF (AV) Derating
Case Temperature Tc
(
°C)
Average Forward Current IF(AV) (A)
IF(AV)—PF Characteristics
Reverse Voltage
VR (V)
VR—PR Characteristics
Characteristic Curves
Schottky Barrier Diodes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com