Electronic Components Datasheet Search
  English  ▼

X  

TLE6217 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6217
Description  Smart Quad Channel Low-Side Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6217 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6217 Datasheet HTML 3Page - Infineon Technologies AG TLE6217 Datasheet HTML 4Page - Infineon Technologies AG TLE6217 Datasheet HTML 5Page - Infineon Technologies AG TLE6217 Datasheet HTML 6Page - Infineon Technologies AG TLE6217 Datasheet HTML 7Page - Infineon Technologies AG TLE6217 Datasheet HTML 8Page - Infineon Technologies AG TLE6217 Datasheet HTML 9Page - Infineon Technologies AG TLE6217 Datasheet HTML 10Page - Infineon Technologies AG TLE6217 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Preliminary Datasheet TLE 6217
V5
Page 7 of 20
30. 07. 2002
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
VS = 4.8 to 18 V ; Tj = – 40 °C to + 150 °C
(unless otherwise specified)
min
typ
max
5. Standby Input (STBY)
Input low voltage
VSTBY
0
1
V
Input high voltage
VSTBY
3.5
VS
V
Input current
VSTBY = 18 V
ISTBY
300
µA
6. Diagnostic Functions
Open load detection voltage
VS
≥ 6.5 V
VENA = X, VIN = L
VDS(OL)
0.3*V
S
0.33*V
S 0.36*VS
V
Open load detection current channel 1,2
VS
≥ 6.5 V
VENA = VIN = H
ID(OL) 1,2
100
240
mA
Open load detection current channel 3,4
VS
≥ 6.5 V
VENA = VIN = H
ID(OL) 3,4
100
240
mA
Overload Current channel 1, 2
VS
≥ 6.5 V
ID(lim) 1,2
5
7.5
A
Overload Current channel 3 , 4
VS
≥ 6.5 V
ID(lim) 3,4
3
5
A
Overtemperature shutdown threshold
2
Hysteresis
Tth
Thys
170
10
200
°C
K
Pulse Width for static diagnostic output
tIN
500
µs
2 This parameter will not be tested but assured by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com