Electronic Components Datasheet Search
  English  ▼

X  

MP8845C Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP8845C
Description  5A High Efficient Synchronous Step-Down Switchers with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845C Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP8845C Datasheet HTML 6Page - Monolithic Power Systems MP8845C Datasheet HTML 7Page - Monolithic Power Systems MP8845C Datasheet HTML 8Page - Monolithic Power Systems MP8845C Datasheet HTML 9Page - Monolithic Power Systems MP8845C Datasheet HTML 10Page - Monolithic Power Systems MP8845C Datasheet HTML 11Page - Monolithic Power Systems MP8845C Datasheet HTML 12Page - Monolithic Power Systems MP8845C Datasheet HTML 13Page - Monolithic Power Systems MP8845C Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MP8845C – 5A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
MP8845C Rev. 1.02
www.MonolithicPower.com
10
4/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
A1
NC
Not Connect. Internal test use. Float it or connect to ground is ok.
A2
EN
ON and Off Control.
A3
SCL
I2C Serial Clock.
A4
VOUT
Output Voltage Sensing.
B1
SDA
I2C Serial Data.
B2, B4, C1-C4
GND
Power Ground.
B3
AGND
Analog Ground.
D1, D2, E1, E2
VIN
Input Supply Voltage.
D3, D4, E3, E4
SW
Switch Note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com