Electronic Components Datasheet Search
  English  ▼

X  

MP8847GD Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8847GD
Description  6A, 2.7V-6V, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface In 2x3mm QFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8847GD Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8847GD Datasheet HTML 11Page - Monolithic Power Systems MP8847GD Datasheet HTML 12Page - Monolithic Power Systems MP8847GD Datasheet HTML 13Page - Monolithic Power Systems MP8847GD Datasheet HTML 14Page - Monolithic Power Systems MP8847GD Datasheet HTML 15Page - Monolithic Power Systems MP8847GD Datasheet HTML 16Page - Monolithic Power Systems MP8847GD Datasheet HTML 17Page - Monolithic Power Systems MP8847GD Datasheet HTML 18Page - Monolithic Power Systems MP8847GD Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
MP8847 – 6A, 2.7V-6V, HIGH-EFFICIENCY, SYNCHRONOUS
STEP-DOWN SWITCHER WITH I
2C INTERFACE IN 2X3MM QFN
MP8847 Rev. 1.02
www.MonolithicPower.com
15
12/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
3. Reg02 SysCntlreg1
NAME
BITS
DESCRIPTION
Switching
Frequency
D[7:5]
D[7:5]
Switching Frequency
D[7:5]
Switching Frequency
000
2.2MHz
100
1.25MHz(default)
001
2MHz
101
1.11MHz
010
1.67MHz
110
0.85MHz
011
--
111
--
Transient
Response
D[4:3]
D[4:3]
Response Speed
D[4:3]
Response Speed
00
Ultra-fast
01
Fast(default)
10
Normal
11
Slow
PG_LOHI
D2
A “0” here sets PGOOD to sense only a negative voltage excursion of VO from the
reference. A “1” (default) sets PGOOD to detect both a positive and negative excursion
of VO from the reference.
VIN_OVP
D1
A “1” disables the VIN OVP function. The converter continues operating. A “0”
(default)turns off the converter when VIN reaches VIN MAX.
Mode
D0
A “0” enables PFM mode; a high disables PFM mode.
4.Reg03 SysCntlreg2
NAME
BITS
DESCRIPTION
Reserved
D[7:6]
Reserved.
Go
D5
Writing to this bit starts a VOUT transition regardless of its initial value.
Output
Discharge
D4
A “0” disables the output discharge. The output voltage must be discharged by the
load. A high enables the internal pull-down.
Gl_filt
D3
A “0” disables PGOOD delay.
Slew Rate
D2
D2
Slew rate
D2
Slew rate
0
32mV/μs
1
8mV/μs
PG Control
D1
A“0”enable the PG function. A“1” disables the PG function, and then the PG voltage is
set by the PG Set bit.
PG Set
D0
When the PG Control bit=1, the PG voltage is pulled high if PG Set=0; otherwise, the
PG voltage is pulled low.
5. Reg04 ID1
NAME
BITS
DESCRIPTION
Vendor ID
D[7:4]
Vendor ID.
Die ID
D[3:0]
IC type.
6.Reg05 ID2
NAME
BITS
DESCRIPTION
Reserved
D[7:4]
Reserved.
Die Rev
D[3:0]
Die revision.
Operation Status
CONDITION
PG
REGULATION
LATCH-OFF
STATUS BIT
VIN over-voltage
Low
Off
No
OVP
VIN under-voltage
Low
Off
N/A
UVLO
Thermal warning
Low
On
No
OTW
Thermal shutdown
Low
Off
Yes
N/A
Current limit
High
On
No
ILIM
Output under-voltage
Low
Off
Yes
VoUV
Output over-voltage (>110% of target output)
Low
On
No
VoOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com