Electronic Components Datasheet Search
  English  ▼

X  

TT2190LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # TT2190LS
Description  Color TV Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TT2190LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  TT2190LS Datasheet HTML 1Page - Sanyo Semicon Device TT2190LS Datasheet HTML 2Page - Sanyo Semicon Device TT2190LS Datasheet HTML 3Page - Sanyo Semicon Device TT2190LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TT2190LS
No.7551-3/4
1.0
10
100
1000
35 7
0.01
0.1
1.0
10
23
5 7
23
5 7
2
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
Collector-to-Emitter Voltage, VCE -- V
10
100
1000
0.1
1.0
10
2
3
5
7
2
3
5
7
2
3
5
23
5
7
2
3
5
7
23
Collector-to-Emitter Voltage, VCE -- V
Reverse Bias A S O
Forward Bias A S O
L=500 H
IB2=--1A
Tc=25
°C
Single pulse
IT05398
IT01807
5
1.0
10
0.1
23
7
5
23
7
1.0
0.1
7
5
3
2
7
5
3
2
Collector Current, IC -- A
SW Time -- IC
SW Time -- IB2
1.0
0.1
23
7
5
23
7
5
1.0
0.1
5
3
2
7
5
3
2
7
10
Base Current, IB2 -- A
IT01804
IT01805
tf
tstg
VCC=200V
IC=3A
IB1=0.6A
R load
tf
tstg
VCC=200V
IC / IB1=5
IB2 / IB1=2
R load
P
C =35W
Tc=25
°C
Single pulse
0
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
140
160
0.5
1.0
1.5
2.0
2.5
0
10
20
30
35
40
Ambient Temperature, Ta --
°C
PC -- Ta
IT01808
No
heat
sink
Case Temperature, Tc --
°C
PC -- Tc
IT01809
ICP=20A
IC=8A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com