Electronic Components Datasheet Search
  English  ▼

X  

MP8867 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8867
Description  High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8867 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8867 Datasheet HTML 13Page - Monolithic Power Systems MP8867 Datasheet HTML 14Page - Monolithic Power Systems MP8867 Datasheet HTML 15Page - Monolithic Power Systems MP8867 Datasheet HTML 16Page - Monolithic Power Systems MP8867 Datasheet HTML 17Page - Monolithic Power Systems MP8867 Datasheet HTML 18Page - Monolithic Power Systems MP8867 Datasheet HTML 19Page - Monolithic Power Systems MP8867 Datasheet HTML 20Page - Monolithic Power Systems MP8867 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
MP8867 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8867 Rev.1.01
www.MonolithicPower.com
17
2/21/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Once the I2C receives valid output reference
voltage scaling instructions and V_BOOT = “1,”
the output voltage is determined by the resistor
divider R1, R2, and the VREF voltage. The VOUT
value is calculated by Equation (2). The VREF
default value is 0.6V:
)
R2
R1
(1
V
V
REF
OUT
(2)
If V_BOOT = “0”, the output voltage is
determined by the I2C control, and the FB loop
is disabled.
The output reference voltage scaling is realized
by adjusting the internal reference voltage
(V_REF), which is the non-inverted input of the
error amplifier. After the MP8867 receives a
valid data byte of the output reference voltage
setting,
it
searches
the
corresponding
reference voltage from the truth table and
sends the command to adjust VREF with a
controlled
slew
rate.
The
slew
rate
is
determined by 3 bits of another register, which
can be read and write accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com