Electronic Components Datasheet Search
  English  ▼

X  

BL082 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BL082
Description  5-4000 MHz Wideband Low Nosie Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BL082 Datasheet(HTML) 1 Page - BeRex Corporation

  BL082_18 Datasheet HTML 1Page - BeRex Corporation BL082_18 Datasheet HTML 2Page - BeRex Corporation BL082_18 Datasheet HTML 3Page - BeRex Corporation BL082_18 Datasheet HTML 4Page - BeRex Corporation BL082_18 Datasheet HTML 5Page - BeRex Corporation BL082_18 Datasheet HTML 6Page - BeRex Corporation BL082_18 Datasheet HTML 7Page - BeRex Corporation BL082_18 Datasheet HTML 8Page - BeRex Corporation BL082_18 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
Rev. E
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
5-4000 MHz Wideband Low Nosie Amplifier
BL082
• This can be operated at Vd of 3.3V and 5V
• N.F = 0.88 dB @ 900MHz at Demo board
• 31.6 dBm Output IP3 at 5dBm/tone at 2350MHz
• 20.9 dB Gain at 900MHz
• 19.5 dBm P1dB at 2140 MHz
• Lead-free/Green/RoHS Compliant SOT363 SMT Package
BeRex’s BL082 is a high performance LNA, based
on GaAs material with E-pHEMT process and pack-
aged in a RoHS-compliant with SOT-363 Surface
mount package. It is designed for use where low
noise and high linearity are required and features
low noise and high OIP3 with low current at wide-
band frequency. It requires a few external match-
ing components. All devices are 100% RF/DC tested
and classified as HBM ESD Class 0.
Product Description
Device Features
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system
Applications
Applications Circuit
Typical Performance
1
1 Device performance _ measured on BeRex’s evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured on two tones with a output power 5 dBm/ tone , F2—F1 = 1 MHz.
Min.
Typical
Max.
Unit
Bandwidth
5
4000
MHz
Id @ (Vd = 5.0V)
15
27
35
mA
Id @ (Vd = 3.3V)
12
18
24
dG/dT
-0.006
dB/°C
RTH
95
°C/W
3 OIP3 _ measured on two tones with a output power 3 dBm/ tone , F2—F1 = 1 MHz.
BL082
DC
Block
RF Choke
Bypass
DC
Block
RFin
RFout
Vd
*External matching circuit : refer to the page 4 to 16
BL8
X
IN
GND
GND
OUT
GND
GND
Parameter
Frequency
Unit
Vd = 5.0V
900
1900
2140
2350
2650
3500
MHz
Gain
20.9
17.1
16.2
15.6
14.6
12.5
dB
S11
-26
-29
-20
-28
-26
-19.3
dB
S22
-27
-18
-17
-16
-13
-15.2
dB
OIP32
28
30.3
30.6
31.6
31.4
29.9
dBm
P1dB
18.8
19.2
19.5
19.3
19
18.6
dBm
N.F
0.88
1
1.08
1.14
1.14
1.3
dB
Parameter
Frequency
Unit
Vd = 3.3V
900
1900
2140
2350
2650
3500
MHz
Gain
20.7
17
16
15.3
14.5
12.4
dB
S11
-27
-30
-22
-30
-25
-20.6
dB
S22
-26
-20
-19
-19
-16.5
-24.5
dB
OIP33
26.3
28.3
28.5
28.9
28.9
29.6
dBm
P1dB
15.6
15.9
16.2
16.3
16.2
15.5
dBm
N.F
0.85
0.97
1.04
1.09
1.09
1.2
dB


Similar Part No. - BL082_18

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL082 BEREX-BL082 Datasheet
1Mb / 26P
5-4000 MHz Wideband Low Nosie Amplifier
More results

Similar Description - BL082_18

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL011 BEREX-BL011 Datasheet
727Kb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL051 BEREX-BL051 Datasheet
720Kb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081 Datasheet
737Kb / 12P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_1 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL051 BEREX-BL051_1 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_1 Datasheet
1Mb / 15P
5-4000 MHz Wideband Low Noise Amplifier
BL082 BEREX-BL082 Datasheet
1Mb / 26P
5-4000 MHz Wideband Low Nosie Amplifier
BL081 BEREX-BL081_15 Datasheet
1Mb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_18 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_18 Datasheet
1Mb / 13P
5-4000 MHz Wideband Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com