Electronic Components Datasheet Search
  English  ▼

X  

BMT333 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BMT333
Description  1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BMT333 Datasheet(HTML) 3 Page - BeRex Corporation

  BMT333 Datasheet HTML 1Page - BeRex Corporation BMT333 Datasheet HTML 2Page - BeRex Corporation BMT333 Datasheet HTML 3Page - BeRex Corporation BMT333 Datasheet HTML 4Page - BeRex Corporation BMT333 Datasheet HTML 5Page - BeRex Corporation BMT333 Datasheet HTML 6Page - BeRex Corporation BMT333 Datasheet HTML 7Page - BeRex Corporation BMT333 Datasheet HTML 8Page - BeRex Corporation BMT333 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT333
3
Rev. C
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
Typical Device Data
S-parameters (Vcc & VBias = +5V, Icq=550mA, Ta=25°C)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[GHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
1.8
0.823
48.909
8.999
-14.544
0.002
-47.886
0.851
56.153
1.9
0.829
39.208
8.410
-31.779
0.003
-54.191
0.851
47.807
2.0
0.829
29.005
7.873
-48.880
0.002
-46.186
0.855
39.252
2.1
0.837
19.120
7.499
-65.053
0.001
-44.098
0.846
30.329
2.2
0.840
9.645
7.353
-81.298
0.002
-103.445
0.846
21.294
2.3
0.839
0.350
7.422
-101.020
0.004
-80.766
0.843
12.643
2.4
0.834
-8.866
7.175
-122.701
0.003
-106.587
0.839
3.550
2.5
0.834
-17.528
6.794
-143.783
0.003
-39.239
0.838
-5.571
2.6
0.834
-26.175
6.401
-164.426
0.002
-150.204
0.833
-15.217
2.7
0.833
-34.246
5.948
174.823
0.002
-71.305
0.832
-25.071
S-Parameter
(Vcc & VBias = +5V, Icq = 550mA, Ta= 25 °C, calibrated to device leads)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com