Electronic Components Datasheet Search
  English  ▼

X  

BNT01 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BNT01
Description  1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BNT01 Datasheet(HTML) 4 Page - BeRex Corporation

  BNT01 Datasheet HTML 1Page - BeRex Corporation BNT01 Datasheet HTML 2Page - BeRex Corporation BNT01 Datasheet HTML 3Page - BeRex Corporation BNT01 Datasheet HTML 4Page - BeRex Corporation BNT01 Datasheet HTML 5Page - BeRex Corporation BNT01 Datasheet HTML 6Page - BeRex Corporation BNT01 Datasheet HTML 7Page - BeRex Corporation BNT01 Datasheet HTML 8Page - BeRex Corporation BNT01 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Rev. E
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
BNT01
S-Parameter
(Vd=4.4V,Id = 68mA, T = 25 °C, calibrated to device leads)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
1500
0.21
155.96
7.19
90.39
0.07
28.60
0.22
73.75
2000
0.23
145.09
5.83
72.67
0.09
26.29
0.18
59.00
2500
0.23
133.56
4.90
57.27
0.11
20.75
0.14
40.48
3000
0.23
118.22
4.22
42.87
0.13
14.03
0.11
23.19
3500
0.26
102.19
3.71
29.21
0.15
6.66
0.11
16.14
4000
0.30
88.92
3.34
15.62
0.16
-1.45
0.11
23.35
(Vd=3.3V,Id = 47mA, T = 25 °C, calibrated to device leads)
Freq
[MHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
1500
0.21
162.00
7.01
91.01
0.07
27.71
0.20
76.38
2000
0.24
148.94
5.70
73.25
0.09
26.75
0.17
63.05
2500
0.24
136.58
4.79
57.65
0.11
21.42
0.13
45.92
3000
0.24
121.21
4.14
43.10
0.13
13.96
0.11
29.25
3500
0.27
104.45
3.65
29.40
0.15
6.26
0.10
23.24
4000
0.30
90.91
3.28
15.83
0.17
-1.81
0.11
31.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com