Electronic Components Datasheet Search
  English  ▼

X  

BSW7221 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BSW7221
Description  10MHz-6000MHz Low Loss / Fast Switching SPDT RF switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BSW7221 Datasheet(HTML) 2 Page - BeRex Corporation

  BSW7221 Datasheet HTML 1Page - BeRex Corporation BSW7221 Datasheet HTML 2Page - BeRex Corporation BSW7221 Datasheet HTML 3Page - BeRex Corporation BSW7221 Datasheet HTML 4Page - BeRex Corporation BSW7221 Datasheet HTML 5Page - BeRex Corporation BSW7221 Datasheet HTML 6Page - BeRex Corporation BSW7221 Datasheet HTML 7Page - BeRex Corporation BSW7221 Datasheet HTML 8Page - BeRex Corporation BSW7221 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Ver. 0.5
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
10MHz-6000MHz Low Loss / Fast Switching SPDT RF switch
BSW7221
Electrical Specifications - 50Ω
Typical conditions are at VDD = 3.3V, TA = 25°C, V1 Low = 0V, V1 High = 3.3V, ZL = 50Ω, Excluding SMA Connector and PCB loss
(1), unless other-
wise noted.
Table 1 Electrical Specifications - 50Ω
Parameter
Path
Condition
Min
Typ
Max
Unit
Operating Frequency
10
6000
MHz
Insertion Loss
RFc - RFx
13.56MHz
1GHz
2GHz
2.45GHz
3GHz
4GHz
5GHz
5.75GHz
6GHz
0.33
0.42
0.46
0.49
0.52
0.52
0.68
0.56
0.59
dB
Isolation
RFc - RFx
13.56MHz
1GHz
2GHz
2.45GHz
3GHz
4GHz
5GHz
5.75GHz
6GHz
83
52
47
43
40
34
35
29
28
dB
Isolation
RFx - RFx
13.56MHz
1GHz
2GHz
2.45GHz
3GHz
4GHz
5GHz
5.75GHz
6GHz
83
45
36
34
33
29
25
26
25
dB
Return Loss
RFc, RF1, RF2
10MHz – 6GHz (Active port)
20
dB
Input P1dB
RFc - RFx
2.45GHz
5.75GHz
37
35
dBm
Input IP3
(2)
RFc - RFx
2.45GHz
5.75GHz
65
64
dBm
Input IP2
(2)
RFc - RFx
2.45GHz
5.75GHz
105
90
dBm
2
nd Harmonic(3)
RFc - RFx
2.45GHz
5.75GHz
95
80
dBc
3
rd Harmonic(3)
RFc - RFx
2.45GHz
5.75GHz
100
100
dBc
Switching Time
RFc - RFx
50% control to 90% RF
50% control to 10% RF
135
90
ns
(1) Excluding SMA Connector and PCB loss. 1GHz (0.12dB), 2GHz (0.20dB), 3GHz (0.27dB), 4GHz (0.35dB), 5GHz (0.51dB), 6GHz (0.52dB)
(2) Tone Power is 18dBm and Tone spacing is 20KHz.
(3) Tone Power is 18dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com