Electronic Components Datasheet Search
  English  ▼

X  

UT7Q512 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT7Q512
Description  512K x 8 SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7Q512 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT7Q512 Datasheet HTML 1Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 2Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 3Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 4Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 5Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 6Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 7Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 8Page - Aeroflex Circuit Technology UT7Q512 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FEATURES
q 100ns (5 volt supply) maximum address access time
q Asynchronous operation for compatibility with industry-
standard 512K x 8 SRAMs
q TTL compatible inputs and output levels, three-state
bidirectional data bus
q Typical radiation performance
- Total dose: 30krad(Si)
- 30krad(Si) to 300krad(Si), depending on orbit, using
Aeroflex UTMC patented shielded package
- SEL Immune >80 MeV-cm
2 /mg
- LETTH(0.25) = 5MeV-cm
2/mg
- Saturated Cross Section (cm2) per bit, ~1.0E-7
- 1.5E-8 errors/bit-day, Adams 90% geosynchronous
heavy ion
q Packaging options:
- 32-lead ceramic flatpack (weight 2.5-2.6 grams)
q Standard Microcircuit Drawing 5962-99606
- QML T and Q compliant
INTRODUCTION
The QCOTSTM UT7Q512 Quantified Commercial Off-the-
Shelf product is a high-performance CMOS static RAM
organized as 524,288 words by 8 bits. Easy memory
expansion is provided by an active LOW Chip Enable (E),
an active LOW Output Enable (G), and three-state drivers.
This device has a power-down feature that reduces power
consumption by more than 90% when deselected
.
Writing to the device is accomplished by taking the Chip
Enable One ( E) input LOW and the Write Enable ( W) input
LOW. Data on the eight I/O pins (DQ0 through DQ7) is then
written into the location specified on the address pins (A0
through A
18). Reading from the device is accomplished by
taking Chip Enable One (E) and Output Enable (G) LOW
while forcing Write Enable (W) HIGH. Under these
conditions, the contents of the memory location specified
by the address pins will appear on the eight I/O pins.
The eight input/output pins (DQ
0 through DQ 7) are placed
in a high impedance state when the device is deselected (E,
HIGH), the outputs are disabled (G HIGH), or during a write
operation (E LOW and W LOW).
Standard Products
QCOTS
TM UT7Q512 512K x 8 SRAM
Data Sheet
August, 2002
Figure 1. UT7Q512 SRAM Block Diagram
Memory Array
1024 Rows
512x8 Columns
Pre-Charge Circuit
Clk. Gen.
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
I/O Circuit
Column Select
Data
Control
CLK
Gen.
DQ
0 - DQ 7
W
G
E


Similar Part No. - UT7Q512

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT70 WILLOW-UT70 Datasheet
864Kb / 2P
Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
List of Unclassifed Man...
UT70 ETC-UT70 Datasheet
158Kb / 2P
Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
logo
Aeroflex Circuit Techno...
UT700 AEROFLEX-UT700 Datasheet
369Kb / 46P
UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEA AEROFLEX-UT700E-CEA Datasheet
369Kb / 46P
UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEC AEROFLEX-UT700E-CEC Datasheet
369Kb / 46P
UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
More results

Similar Description - UT7Q512

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM564081 ETRON-EM564081 Datasheet
287Kb / 12P
512K x 8 Low Power SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
512K x 8 4Mb Asynchronous SRAM
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
512K X 8-bit CMOS SRAM
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
5.0V 512K x 8 CMOS SRAM
AS7C34096A ALSC-AS7C34096A Datasheet
157Kb / 9P
3.3V 512K x 8 CMOS SRAM
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
logo
MOSAIC
SYS8512FKX-70 MOSAIC-SYS8512FKX-70 Datasheet
60Kb / 7P
512K x 8 SRAM MODULE
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
logo
Aeroflex Circuit Techno...
UT8Q512E AEROFLEX-UT8Q512E Datasheet
198Kb / 22P
UT8Q512E 512K x 8 RadTol SRAM
UT8R512K8 AEROFLEX-UT8R512K8 Datasheet
236Kb / 23P
UT8R512K8 512K x 8 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com