Electronic Components Datasheet Search
  English  ▼

X  

MP9159A Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP9159A
Description  1 A, 6 V, 1.5 MHz, Low IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9159A Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP9159A Datasheet HTML 7Page - Monolithic Power Systems MP9159A Datasheet HTML 8Page - Monolithic Power Systems MP9159A Datasheet HTML 9Page - Monolithic Power Systems MP9159A Datasheet HTML 10Page - Monolithic Power Systems MP9159A Datasheet HTML 11Page - Monolithic Power Systems MP9159A Datasheet HTML 12Page - Monolithic Power Systems MP9159A Datasheet HTML 13Page - Monolithic Power Systems MP9159A Datasheet HTML 14Page - Monolithic Power Systems MP9159A Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP9159A – 1 A, 6 V, 1.5 MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP9159A Rev. 1.01
www.MonolithicPower.com
11
6/30/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP9159A uses constant-on-time (COT)
control with input voltage feed forward to
stabilize the switching frequency over a full
input range. At light load, the MP9159A
employs a proprietary control of the low-side
switch and the inductor current to eliminate
ringing on the switching node and improve
efficiency.
Constant-On-Time (COT) Control
Compare to fixed frequency PWM control,
constant-on-time control offers the advantage of a
simpler control loop and faster transient response.
By using input voltage feed forward, MP9159A
maintains a nearly constant switching frequency
across the input and output voltage range. The
on time of the switching pulse can be estimated
using Equation (1):
OUT
ON
IN
V
T0.667 s
V

(1)
To prevent inductor current runaway during load
transient, the MP9159A fixes the minimum off
time at 60 ns. However, this minimum-off time
limit will not affect operation of the MP9159A in
steady-state operation.
Light-Load Operation
In a light-load condition, the MP9159A uses a
proprietary control scheme to save power and
improve efficiency. It turns off the low-side
switch when the inductor current begins to
reverse. Then it works in discontinuous
conduction mode (DCM) operation.
There is a zero current cross circuit to detect if
the
inductor
current
starts
to
reverse.
Considering the internal circuit propagation time,
the typical delay is 50 ns. This means the
inductor current will still fall after the ZCD is
triggered in this delay. If the inductor current
falling slew rate is fast (Vo voltage is high or
close to Vin), the low-side MOSFET (LS-FET) is
turned off, and the inductor current may be
negative.
This
phenomena
prevents
the
MP9159A from entering DCM operation even if
there is no load. If DCM is required, the off time
of the LS-FET in CCM should be longer than
100 ns (2 times the propagation delay). For
example, if Vin is 3.6 V and Vo is 3.3 V, the off
time in CCM is 55 ns. It is difficult to enter DCM
at light load. Using a smaller inductor improves
this problem, making it easier to enter DCM.
Enable (EN)
When the input voltage is greater than the
under-voltage
lockout
threshold
(2.3
V,
typically), the MP9159A is enabled by pulling
EN higher than 1.2 V. Floating EN or pulling EN
down to ground disables the MP9159A. There
is an internal 1 MΩ resistor from EN to ground.
Soft Start (SS)
MP9159A has built-in soft start that ramps up
the output voltage in a controlled slew rate,
avoiding overshoot at start-up. The soft-start
time period is about 1.15 ms, typically.
Power GOOD Indicator (PG)
MP9159A has an open drain with a 550 kΩ pull-
up resistor pin that functions as a power good
indicator (PG). When FB is within +/-10% of the
regulation voltage (i.e., 0.6 V), PG is pulled up
to VIN by the internal resistor. If the FB voltage
is out of the +/-10% window, PG is pulled down
to ground by an internal MOSFET. The
MOSFET has a maximum Rdson of less than 400
Ω.
Current Limit
MP9159A has a minimum 2 A current limit for
the high-side switch. When the high-side switch
hits the current limit, the MP9159A remains at
the hiccup threshold until the current decreases.
This prevents the inductor current from
continuing to build up, which will result in
damage to the components.
Short Circuit and Recovery
The MP9159A enters short-circuit protection
mode when the current limit is reached, and it
tries to recover from the short circuit with hiccup
mode. During a short-circuit protection, the
MP9159A disables the output power stage,
discharges the soft-start capacitor, and then
automatically tries to soft-start again. If the
short-circuit condition still holds after the soft-
start ends, the MP9159A repeats this operation
cycle until the short circuit disappears, and the
output rises back to regulation level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com