Electronic Components Datasheet Search
  English  ▼

X  

VT83C469 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VT83C469
Description  PCMCIA Socket Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT83C469 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button VT83C469 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT83C469 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
VIA Technologies, Inc.
Preliminary VT83C469
8
Register Set
The following is a list of VT83C469 registers and their offset values. The General Registers, Interrupt Registers, I/O
Registers and Memory Registers are fully compatible with the Intel 82365SL. The other registers are unique to the
VT83C469.
SOCKET A OFFSET
SOCKET B OFFSET
REGISTER NAME
00h
40h
Identification and Revision
01h
41h
Interface Status
02h
42h
Power Control
03h
43h
Interrupt and General Control
04h
44h
Card Status Change
05h
45h
Card Status Change Interrupt Configuration
06h
46h
Address Window Enable
07h
47h
I/O Control
08h
48h
I/O Address 0 Start Low Byte
09h
49h
I/O Address 0 Start High Byte
0Ah
4Ah
I/O Address 0 Stop Low Byte
0Bh
4Bh
I/O Address 0 Stop High Byte
0Ch
4Ch
I/O Address 1 Start Low Byte
0Dh
4Dh
I/O Address 1 Start High Byte
0Eh
4Eh
I/O Address 1 Stop Low Byte
0Fh
4Fh
I/O Address 1 Stop High Byte
10h
50h
System Memory Address 0 Mapping Start Low Byte
11h
51h
System Memory Address 0 Mapping Start High Byte
12h
52h
System Memory Address 0 Mapping Stop Low Byte
13h
53h
System Memory Address 0 Mapping Stop High Byte
14h
54h
Card Memory Offset Address 0 Low Byte
15h
55h
Card Memory Offset Address 0 High Byte
16h
56h
Misc Control 1
17h
57h
Reserved
18h
58h
System Memory Address 1 Mapping Start Low Byte
19h
59h
System Memory Address 1 Mapping Start High Byte
1Ah
5Ah
System Memory Address 1 Mapping Stop Low Byte
1Bh
5Bh
System Memory Address 1 Mapping Stop High Byte
1Ch
5Ch
Card Memory Offset Address 1 Low Byte
1Dh
5Dh
Card Memory Offset Address 1 High Byte
1Eh
5Eh
Misc Control 2
1Fh
5Fh
Chip Information
20h
60h
System Memory Address 2 Mapping Start Low Byte
21h
61h
System Memory Address 2 Mapping Start High Byte
22h
62h
System Memory Address 2 Mapping Stop Low Byte
23h
63h
System Memory Address 2 Mapping Stop High Byte
24h
64h
Card Memory Offset Address 2 Low Byte
25h
65h
Card Memory Offset Address 2 High Byte
26h
66h
ATA Mode Control
27h
67h
Reserved
28h
68h
System Memory Address 3 Mapping Start Low Byte
29h
69h
System Memory Address 3 Mapping Start High Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com