Electronic Components Datasheet Search
  English  ▼

X  

MP9184GL Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP9184GL
Description  17A, 600kHz, 20V, Wide Input Range, Synchronous Boost Converter in a Small 3mm x 4mm QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9184GL Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP9184GL Datasheet HTML 10Page - Monolithic Power Systems MP9184GL Datasheet HTML 11Page - Monolithic Power Systems MP9184GL Datasheet HTML 12Page - Monolithic Power Systems MP9184GL Datasheet HTML 13Page - Monolithic Power Systems MP9184GL Datasheet HTML 14Page - Monolithic Power Systems MP9184GL Datasheet HTML 15Page - Monolithic Power Systems MP9184GL Datasheet HTML 16Page - Monolithic Power Systems MP9184GL Datasheet HTML 17Page - Monolithic Power Systems MP9184GL Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP9184 – 17A, 600KHZ, 20V WIDE INPUT RANGE ,SYNCHRONOUS BOOST CONVERTER IN ASMALL 3X4MM QFN PACKAGE
MP9184 Rev. 1.0
www.MonolithicPower.com
14
8/27/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting Current Limit Resistor
When an external resistor is used, MP9184 has
an average current limit. The resistor RSENSE
(connected from the input voltage to SENSE),
sets the current limit (ICL):
CL
CL
SENSE
IV / R
Where, VCL is 54mV, typically, ICL is in amperes,
and RSENSE is in mΩ.
UVLO Hysteresis
The MP9184 features a programmable UVLO
hysteresis. When powering up, EN sinks a 4.5μA
current from an upper resistor, RTOP (see Figure
2). VIN voltage must increase to overcome the
current sink. The VIN start-up threshold is
determined by:
TOP
IN ON
EN ON
TOP
BOT
R
VV
(1
) 4.5 A R
R

 
 
Where, VEN-ON is the EN voltage turn-on threshold
(1.33V, typically).
Once the EN voltage reaches VEN-ON, the 4.5uA
sink current turns off to create a reverse
hysteresis for the VIN falling threshold:
IN UVLO HYS
TOP
V4.5 A R

 
MP9184
VIN
RTOP
EN
RBOT
4.5 A
Figure 2: VIN VULO Program
Selecting the Soft-Start Capacitor
To prevent excessive input current, the MP9184
includes a soft-start circuit that limits the voltage
on
COMP
during
start-up
This
prevents
premature termination of the source voltage at
start-up due to input-current overshoot. When
power is applied to the device, enable is asserted
and a 7μA internal-current source charges the
external capacitor at SS. The SS voltage clamps
COMP voltage (as well as the inductor peak
current) until output is close to regulation or
COMP reaches 1.8V. For most applications, a
33nF SS capacitor is sufficient.
Setting the Output Voltage
Output voltage is fed back through two sense
resistors in series. The feedback reference
voltage is 1.225V, typically. The equation for the
output voltage is:
)
2
1
1
(
R
R
V
V
REF
OUT
Where, R1 is the top feedback resistor, R2 is the
bottom feedback resistor, and VREF is the
reference voltage (1.225V, typically).
Choose feedback resistors in the 10kΩrange (or
higher) for good efficiency.
Selecting the Input Capacitor
An input capacitor is required to supply the AC
ripple current to the inductor while limiting noise
at the input source. A low ESR capacitor is
required to minimize noise. Ceramic capacitors
are preferred, but tantalum or low ESR
electrolytic capacitors suffice.
Two 22uF capacitors are recommended for high-
power applications. The capacitor can be
electrolytic, tantalum, or ceramic. However, since
the capacitor absorbs the input-switching current,
it requires an adequate ripple-current rating. Use
a capacitor with a RMS current rating greater
than the inductor-ripple current (see “Selecting
the Inductor” to determine the inductor-ripple
current).
To ensure stable operation, place the input
capacitor as close to the IC as possible.
Alternately, a smaller, high-quality ceramic 0.1μF
capacitor may be placed closer to the IC with the
larger capacitor placed a little farther away.
When using this technique, a larger electrolytic or
tantalum type capacitor is recommended. All
ceramic capacitors should be placed very close
to the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com