Electronic Components Datasheet Search
  English  ▼

X  

MP9442 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP9442
Description  High Efficiency 2A, 36V, 600kHz Synchronous Step-Down Converter with Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9442 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP9442 Datasheet HTML 12Page - Monolithic Power Systems MP9442 Datasheet HTML 13Page - Monolithic Power Systems MP9442 Datasheet HTML 14Page - Monolithic Power Systems MP9442 Datasheet HTML 15Page - Monolithic Power Systems MP9442 Datasheet HTML 16Page - Monolithic Power Systems MP9442 Datasheet HTML 17Page - Monolithic Power Systems MP9442 Datasheet HTML 18Page - Monolithic Power Systems MP9442 Datasheet HTML 19Page - Monolithic Power Systems MP9442 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MP9442 – 36V, 2A SYNCHRONOUS STEP-DOWN CONVERTER
MP9442 Rev. 1.0
www.MonolithicPower.com
17
12/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Figure 7: Optional External Bootstrap Diode to
Enhance Efficiency
The recommended external BST diode is
1N4148, and the BST capacitor value is 0.1µF to
1μF.
PCB Layout (8)
PCB layout, especially the input capacitor and
VCC capacitor placement, is very important to
achieve stable operation. For the best results,
follow these guidelines:
1) Place the ceramics input capacitor as close to
IN and GND pins as possible, especially the
small package size (0603) input bypass capacitor.
Keep the connection of input capacitor and IN pin
as short and wide as possible.
2) Place the VCC capacitor to VCC pin and GND
pin as close as possible. Make the trace length of
VCC pin-VCC capacitor anode-VCC capacitor
cathode-chip GND pin as short as possible.
3) Use large ground plane directly connect to
GND pin. Add vias near the GND pin if bottom
layer is ground plane.
4) Route SW, BST away from sensitive analog
areas such as FB.
5) Place the T-type feedback resistor close to
chip to ensure the trace which connects to FB pin
as the short as possible.
Notes:
8) The recommended layout is based on the typical application
circuit in Page 19.
L1
C2
R5
C4
C6
Vin
GND
Vout
SW
GND
C8
C1
R7
Top Layer
Bottom Layer
Figure 8: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com