Electronic Components Datasheet Search
  English  ▼

X  

MP9928 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP9928
Description  4V-60V Input, Current Mode, Synchronous Step-Down Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP9928 Datasheet HTML 14Page - Monolithic Power Systems MP9928 Datasheet HTML 15Page - Monolithic Power Systems MP9928 Datasheet HTML 16Page - Monolithic Power Systems MP9928 Datasheet HTML 17Page - Monolithic Power Systems MP9928 Datasheet HTML 18Page - Monolithic Power Systems MP9928 Datasheet HTML 19Page - Monolithic Power Systems MP9928 Datasheet HTML 20Page - Monolithic Power Systems MP9928 Datasheet HTML 21Page - Monolithic Power Systems MP9928 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
MP9928—4V TO 60V SYNCHRONOUS STEP-DOWN CONTROLLER
MP9928 Rev. 1.0
www.MonolithicPower.com
18
5/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
HS-FET is turned off, and the LS-FET is turned
on and keeps on until the reverse current limit is
triggered, after LS-FET is turned off, inductor
current will increase to 0. The LS-FET will be
turned on again next clock cycle. MP9928 works
at
discharge
mode
until
the
over-voltage
condition is cleared.
Enable
The MP9928 has a dedicated enable control pin.
It uses a bandgap generated precision threshold
of 1.22V. By pulling it high or low, the IC can be
enabled
or
disabled.
To
disable
the
part,
EN/SYNC must be pulled low for at least 15µs.
Tie EN to VIN through a resistor divider R16 and
R17 to program the VIN start up threshold (see
Figure 3). The EN threshold is 1.08V (falling
edge), so the VIN falling UVLO threshold is
1.08V x (1+ R16/R17).
In high input design, EN pin voltage should not
be greater than 50V.
EN
VIN
R16
R17
Figure 3: EN Resistor Divider
Synchronize
The MP9928 can be synchronized to an external
clock range from 100kHz up to 1000kHz through
EN/SYNC pin. The internal clock rising edge is
synchronized to the external clock rising edge.
The pulse width (both on and off) of external
clock signal should be no less than 100ns.
Under-Voltage Lockout
Under-voltage lockout (UVLO) is implemented to
protect the chip from operating at insufficient
input supply voltages. The MP9928 UVLO rising
threshold is about 4.5V while its falling threshold
is about 3.7V.
Thermal Protection
The purpose of thermal protection is to prevent
damage in the IC by allowing exceptive current to
flow
and
heating
the
junction.
The
die
temperature is internally monitored until the
thermal limit is reached. When the silicon die
temperature is higher than 170°C, it shuts down
the whole chip. When the temperature is lower
than its lower threshold, typically 150°C, the chip
is enabled again.
Start-Up and Shutdown
If both VIN and EN are higher than their
respective thresholds, the chip starts up. The
reference block starts first, generating stable
reference voltages and currents. And then the
internal regulator is enabled. The regulator
provides stable supply for the remaining circuitry.
Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In the shutdown
procedure, the signal path is firstly blocked to
avoid any fault triggering. The COMP voltage and
the internal supply rail are then pulled down. The
floating driver is not subjected to this shutdown
command.
Pre-Bias Start-Up
For MP9928, at startup, If SS<FB, which means
output has pre-bias voltage, neither TG nor BG
would be turned on until SS is greater than FB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com