Electronic Components Datasheet Search
  English  ▼

X  

MP28164GD Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP28164GD
Description  High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28164GD Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP28164GD Datasheet HTML 11Page - Monolithic Power Systems MP28164GD Datasheet HTML 12Page - Monolithic Power Systems MP28164GD Datasheet HTML 13Page - Monolithic Power Systems MP28164GD Datasheet HTML 14Page - Monolithic Power Systems MP28164GD Datasheet HTML 15Page - Monolithic Power Systems MP28164GD Datasheet HTML 16Page - Monolithic Power Systems MP28164GD Datasheet HTML 17Page - Monolithic Power Systems MP28164GD Datasheet HTML 18Page - Monolithic Power Systems MP28164GD Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP28164 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 4.2A SWITCHES
MP28164 Rev. 1.0
www.MonolithicPower.com
15
3/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
VCC Power Supply
When EN is high and VIN ramps up, VIN charges
VCC. If VIN is higher than VIN-UVLO-R, the
MP28164 begins working. All internal circuits of
the MP28164 are supplied by VCC, and VCC
only needs to be decoupled with a ceramic
capacitor less than 1µF. After the system starts
up, VCC is powered by the higher value of VIN or
VOUT internally. If VCC is powered by VOUT,
the MP28164 does not shut down until VIN drops
to the UVLO falling threshold (0.69V) or VCC
drops to the VCC UVLO falling threshold (1.56V).
It is not suggested to supply the MP28164 with
an input lower than 1.2V, even if VCC has a bias
voltage due to SWA (P-FET) having an RDS(ON)
that is too high when VIN is low. Even with 1.2V
of input power, the load capability is weaker than
the high input condition due to the RDS(ON).
Internal Soft Start (SS)
When EN is high and VIN is above the UVLO
rising threshold, the MP28164 starts up with a
soft-start function. The internal soft-start (SS)
signal ramps up and controls the feedback
reference voltage. After 4ms of blank time, if
VOUT has not risen to 60% of the normal output
voltage, or if VOUT is pulled down to 60% of the
normal output voltage due to an overload, the
soft-start signal is pulled down to GND and
hiccup protection is initiated. During start-up or
hiccup recovery condition, an internal SS signal
is clamped to VFB + 0.3V if VOUT does not rise
up. This limit can prevent a VOUT overshoot if
the heavy load disappears suddenly during start-
up.
During start-up or recovery from hiccup, if there
is already some voltage on the output, this
voltage is discharged by the negative current limit
(-1A when the MP28164 operates in PWM mode
regardless of the MODE/SYNC setting) to equal
the SS voltage. VOUT then rises normally.
MODE/SYNC Setting
The MP28164 can be set in PSM or fixed-
frequency PWM mode in light load through the
MODE/SYNC setting. When MODE/SYNC is
pulled high, the MP28164 operates in fixed-
frequency PWM mode. The current conducts
while the inductor current direction reverses. In
this mode, the VOUT ripple is lower than in
power-save mode (PSM), but the power loss is
higher due to the high-frequency switching.
When MODE/SYNC is pulled low, the MP28164
enters PSM automatically when the load
decreases. In PSM, a group of switching pulses
are initiated when the internal VC-Buck rises higher
than the PSM threshold (group pulses start with
SWA/SWC on and end with SWB/SWD on).
SWD is turned off if the SWD current flows from
VOUT to SW2 in each period.
During start-up or short-circuit protection (SCP)
recovery condition, the MP28164 works in fixed-
frequency PWM mode, even if MODE/SYNC is
low. The negative inductor current is limited to
-1A, the same as in constant frequency mode.
OCP/SCP and Two Current Limits
There are two peak-current limits in the MP28164.
One is a steady-state switching current limit with
a 4.2A typical value. Another one is a start-up
switching current limit with a 2.5A typical value.
The start-up current limit can control the input
inrush current at a lower level when VFB < 60% x
VREF during start-up.
In overload or short-circuit condition, VOUT
drops due to the steady-state switching current
limit. If VOUT drops below 60% of its normal
output, the MP28164 stops switching and
recovers after ~8ms with hiccup mode protection.
After the switching stops in hiccup protection, the
internal soft-start signal is clamped to VFB + 0.3V,
where VFB is the divided voltage from the residual
VOUT. This smooths the soft start-up when the
MP28164 recovers from hiccup protection.
During the soft-start time, the MP28164 blanks
during hiccup protection for about 4ms. After the
4ms blank time, if VOUT is still lower than 60% of
the normal voltage, the MP28164 resumes
hiccup mode. If VOUT rises above 60% of the
normal value, the MP28164 enters normal
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com