Electronic Components Datasheet Search
  English  ▼

X  

MPQ6411GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPQ6411GS
Description  Windowed Watchdog Timer AEC-Q100 Qualified
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ6411GS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPQ6411GS Datasheet HTML 2Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 3Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 4Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 5Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 6Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 7Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 8Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 9Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MPQ6411―WINDOWED WATCHDOG TIMER, AEC-Q100 QUALIFIED
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MPQ6411 Rev. 1.1
www.MonolithicPower.com
6
6/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL CHARATERISTICS
VCC=5V for MPQ6411, VCC=3.3V for MPQ6411-33, unless otherwise noted.
Quiescent Current vs.
Junction Temperature
MPQ6411, RTIMER=100k
Single Period vs.
Junction Temperature
RTIMER=51k
Quiescent Current vs.
Junction Temperature
MPQ6411, RTIMER=51k
25.0
25.5
26.0
26.5
27.0
27.5
28.0
28.5
-50 -25
0
25 50 75 100 125
16.0
16.2
16.4
16.6
16.8
17.0
-50 -25
0
25 50 75 100 125
850
860
870
880
890
900
910
-50 -25
0
25 50 75 100 125
0
1000
2000
3000
4000
5000
6000
7000
8000
0
100
200
300
400
500
Quiescent Current vs.
Junction Temerature
MPQ6411-33, RTIMER=51k
-50 -25
0
25 50 75 100 125
Quiescent Current vs.
Junction Temerature
MPQ6411-33, RTIMER=100k
-50 -25
0
25 50 75 100 125
12.0
14.0
16.0
18.0
8.0
9.0
10.0
11.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com