Electronic Components Datasheet Search
  English  ▼

X  

SIT2020B Datasheet(PDF) 2 Page - SiTime Corp.

Part # SIT2020B
Description  Single-Chip, One-Output Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT2020B Datasheet(HTML) 2 Page - SiTime Corp.

  SIT2020B Datasheet HTML 1Page - SiTime Corp. SIT2020B Datasheet HTML 2Page - SiTime Corp. SIT2020B Datasheet HTML 3Page - SiTime Corp. SIT2020B Datasheet HTML 4Page - SiTime Corp. SIT2020B Datasheet HTML 5Page - SiTime Corp. SIT2020B Datasheet HTML 6Page - SiTime Corp. SIT2020B Datasheet HTML 7Page - SiTime Corp. SIT2020B Datasheet HTML 8Page - SiTime Corp. SIT2020B Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Rev. 1.0
Page 2 of 12
www.sitime.com
The Smart Timing Choice
The Smart Timing Choice
SiT2020B
-55°C to +125°C, Single-Chip, One-Output Clock Generator
Notes:
1. In OE or ST mode, a pull-up resistor of 10 kΩ or less is recommended if pin 3 is not externally driven.
If pin 3 needs to be left floating, use the NC option.
2. A capacitor of value 0.1 µF or higher between Vdd and GND is required.
Table 1. Electrical Characteristics (continued)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Condition
Startup and Resume Timing
Startup Time
T_start
–
–
5
ms
Measured from the time Vdd reaches its rated minimum value
Enable/Disable Time
T_oe
–
–
140
ns
f = 75 MHz. For other frequencies, T_oe = 100 ns + 3 * clock
periods
Resume Time
T_resume
–
–
5
ms
Measured from the time ST pin crosses 50% threshold
Jitter
RMS Period Jitter
T_jitt
–
1.6
2.5
ps
f = 75MHz, Vdd = 2.5V, 2.8V, 3.0V or 3.3V
–
1.9
3
ps
f = 75MHz, Vdd = 1.8V
Peak-to-peak Period Jitter
T_pk
–
12
20
ps
f = 75 MHz, Vdd = 2.5V, 2.8V, 3.0V or 3.3V
–
14
25
ps
f = 75 MHz, Vdd = 1.8V
RMS Phase Jitter (random)
T_phj
–
0.5
0.8
ps
Integration bandwidth = 900 kHz to 7.5 MHz
–1.3
2
ps
Integration bandwidth = 12 kHz to 20 MHz
Table 2. Pin Description
Pin
Symbol
Functionality
1
GND
Power
Electrical ground
2
NC
No Connect
No connect
3OE/ ST/NC
Output
Enable
H[1]: specified frequency output
L: output is high impedance. Only output driver is disabled.
Standby
H or Open[1]: specified frequency output
L: output is low (weak pull down). Device goes to sleep mode. Supply
current reduces to I_std.
No Connect
Any voltage between 0 and Vdd or Open[1]: Specified frequency
output. Pin 3 has no function.
4
VDD
Power
Power supply voltage[2]
5
OUT
Output
Oscillator output
GND
1
NC
2
OE/ST/NC
3
VDD
4
OUT
5
Top View
Figure 1. Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com