Electronic Components Datasheet Search
  English  ▼

X  

MP111 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP111
Description  Dying Gasp Storage and Release Control IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP111 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP111 Datasheet HTML 5Page - Monolithic Power Systems MP111 Datasheet HTML 6Page - Monolithic Power Systems MP111 Datasheet HTML 7Page - Monolithic Power Systems MP111 Datasheet HTML 8Page - Monolithic Power Systems MP111 Datasheet HTML 9Page - Monolithic Power Systems MP111 Datasheet HTML 10Page - Monolithic Power Systems MP111 Datasheet HTML 11Page - Monolithic Power Systems MP111 Datasheet HTML 12Page - Monolithic Power Systems MP111 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP111 – DYING GASP STORAGE AND RELEASE CONTROL IC
MP111 Rev. 1.0 1
www.MonolithicPower.com
10
4/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATION INFORMATION
SET STORAGE VOLTAGE
The storage voltage can be set by choosing
appropriate external feedback resistors R1 and
R2 which is shown in Figure 4.
Figure 4 – Feedback Circuit for Storage
Voltage
The storage voltage is determined by:
STORAGE
FB1
R1
V(1
) V
R2

Here is the example, if the storage voltage is
set to be 20V, choose R2 to be 40kΩ, R1 will be
then given by:
FB2
FB2
40k
(20 V
)
R1
760k
V


Table 1 lists the recommended resistors for
different storage voltages.
Table 1 – Resistor Selection for Different
Storage Voltages
VSTORAGE (V)
R1 (kΩ)
R2 (kΩ)
15
750
53.2
19
750
41.6
23
850
37.4
Select Release Voltage and Input Capacitors
The release voltage can be set by choosing
external feedback resistors R3 and R4 which is
shown in Figure 5.
Figure 5 – Release Feedback Circuit
Similarly, the release voltage is set by:
RELEASE
FB2
R3
V(1
) V
R4

However, the selection of R3 and R4 not only
determines the release voltage, but impacts the
stability.
Generally,
choosing
R3
to
be
300~500kΩ is recommended for a stable
performance with 47μF Cin. Table 2 lists the
recommended resistors setup for different
release voltages.
Table 2 – Resistor Selection for Different
Release Voltages
VRELEASE
(V)
R1
(kΩ)
R2
(kΩ)
Cf
(pF)
Cin
(μF)
11
475
47.5
15
47
10.2
464
49.9
15
47
9.0
324
40.2
15
47
Select Storage Capacitor
The Storage Capacitor is for energy storage
during normal operation and the energy will be
released to VIN in case of losing input power.
Typically,
a
general
purpose
electrolytic
capacitor is recommended.
The voltage rating of storage capacitor needs to
be higher than the targeted storage voltage.
The voltage rating of storage capacitor can be
fully utilized since the voltage on storage
capacitor is very stable during normal operation.
There will be less ripple current/voltage for most
of the time during normal operation. The ripple
current rating of storage cap can be less
consideration.
The needed capacitance is dependent on how
long the dying gasp time based on typically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com