Electronic Components Datasheet Search
  English  ▼

X  

MP3115DT Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3115DT
Description  High-Efficiency, Single-Cell Alkaline, 1.3MHz Synchronous Step-up Converter with Output Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3115DT Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3115DT Datasheet HTML 1Page - Monolithic Power Systems MP3115DT Datasheet HTML 2Page - Monolithic Power Systems MP3115DT Datasheet HTML 3Page - Monolithic Power Systems MP3115DT Datasheet HTML 4Page - Monolithic Power Systems MP3115DT Datasheet HTML 5Page - Monolithic Power Systems MP3115DT Datasheet HTML 6Page - Monolithic Power Systems MP3115DT Datasheet HTML 7Page - Monolithic Power Systems MP3115DT Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP3115 – HIGH-EFFICIENCY 1.3MHz SYNCHRONOUS STEP-UP CONVERTER
MP3115 Rev. 0.9
www.MonolithicPower.com
2
4/12/2016
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
SW
GND
FB
1
2
3
6
5
4
IN
OUT
EN
Part Number*
Package
Temperature
MP3115DT
SOT23-6
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP3115DT–Z)
For RoHS Compliant Packaging, add suffix –LF
(eg. MP3115DT–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VIN...................................... 2.5V
VSW................................................ –0.3V to 6.5V
All Other Pins................................ –0.3V to 6.5V
Storage Temperature ..............–65
°C to +150°C
Thermal Resistance
(3)
θJA
θJC
SOT23-6 ................................ 195 .... 110..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 1.5V, VEN = VOUT = 3.3V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Minimum Startup Voltage
VST
RL = 3kΩ, Rising Edge
0.95
1.1
V
Minimum Operating Voltage
(4)
VIN
VEN = VIN
0.5
V
Output Voltage Range
VOUT
2.5
4.0
V
Supply Current (Shutdown)
VEN = VOUT = 0V
0
1
μA
Supply Current (Quiescent)
VFB = 1.3V
200
μA
Feedback Voltage
VFB
1.225
V
Feedback Input Current
VFB = 1.2V
10
nA
Switching Frequency
fSW
VFB= 1.1V
1.3
MHz
Maximum Duty Cycle
DMAX
VFB= 1.1V
85
90
%
EN Input Low Voltage
0.4
V
EN Input High Voltage
0.9
V
EN Input Current
VEN = 3V
0
1
μA
NMOS On Resistance
RNMOS
300
mΩ
NMOS Leakage Current
VSW = 5.5V
1
μA
NMOS Current Limit
ILIM
1
1.3
A
PMOS On Resistance
RPMOS
600
mΩ
PMOS Leakage Current
VEN = VOUT = 0V, VSW = 3V
1
μA
Thermal Shutdown
(5)
160
°C
Thermal Shutdown Hysteresis
(5)
30
°C
Minimum On Time
(5)
100
150
ns
Notes:
4) The MP3115 is not dependent on VIN when VOUT is greater than 2.4V.
5) Guaranteed by design, not tested.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com