Electronic Components Datasheet Search
  English  ▼

X  

80SERIES Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # 80SERIES
Description  Military Grade 80 Series MIL-R-26 Qualified
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

80SERIES Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  80SERIES Datasheet HTML 1Page - Ohmite Mfg. Co. 80SERIES Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
88
Commercial Grade (80 Series) Part Numbers
0.1
–––R10
0.11
–––R11
  
0.121 –––R121    
0.133 –––R133
  
0.15
–––R15
   
0.162 –––R162
  
0.182 –––R182    
0.2
–––R20  
0.221 –––R221
  
0.249 –––R249    
0.274 –––R274
  
0.301 –––R301    
0.332 –––R332
  
0.374 –––R374
  
0.392 –––R392
  
0.402 –––R402    
0.453 –––R453
  
0.499 –––R499   
0.511 –––R511
  
0.562 –––R562    
0.619 –––R619
  
0.681 –––R681    
0.75 –––R75
  
0.825 –––R825    
0.909 –––R909
  
1
–––1R0
   
1.1
–––1R1
  
1.21 –––1R21    
1.330 –––1R33
  
1.5
–––1R5
   
1.62 –––1R62
  
1.82 –––1R82    
2
–––2R0
   
2.21 –––2R21
  
2.49 –––2R49    
2.74 –––2R74
  
3.01
–––3R01    
3.32 –––3R32
  
3.74 –––3R74
  
4.02 –––4R02    
4.53 –––4R53
  
4.99 –––4R99    
5.11
–––5R11
  
5.62 –––5R62    
6.19 –––6R19
  
6.81 –––6R81    
7.5
–––7R5
  
8.25 –––8R25    
9.09 –––9R09
  
10
–––10R
   
11
–––11R
  
12.1
–––12R1    
13.3
–––13R3
  
15
–––15R
   
16.2
–––16R2
  
18.2
–––18R2    
20
–––20R
   
22.1
–––22R1
  
24.9
–––24R9    
27.4
–––27R4
  
30.1
–––30R1    
33.2
–––33R2
  
37.4
–––37R4
  
40.2
–––40R2    
45.3
–––45R3
  
49.9
–––49R9    
51.1 –––51R1
  
56.2 –––56R2    
61.9 –––61R9
  
68.1 –––68R1    
75 –––75R
  
82.5 –––82R5    
90.9 –––90R9
  
100
–––100
   
110
–––110
  
121 –––121
   
133
–––133
  
150
–––150
   
162 –––162
  
182 –––182
   
200 –––200
   
221 –––221
  
249 –––249
   
274 –––274
  
301
–––301
   
332 –––332
  
374 –––374
  
402 –––402
   
453 –––453
  
499 –––499
   
511
–––511
  
562 –––562
   
619 –––619
  
681 –––681
   
750 –––750
  
825 –––825
   
909 –––909
  
1,000
–––1K0
   
1,100
–––1K1
  
1,210 –––1K21    
1,330
–––1K33
  
1,500
–––1K5
   
1,620 –––1K62
  
1,820 –––1K82    
2,000 –––2K0
   
2,210 –––2K21
  
2,490 –––2K49    
2,740 –––2K74
  
3,010
–––3K01    
3,320 –––3K32
  
3,740 –––3K74
  
4,020 –––4K02
  
4,530 –––4K53
  
4,990 –––4K99
  
5,110
–––5K11
  
5,620 –––5K62
  
6,190 –––6K19
  
6,810 –––6K81
  
7,500 –––7K5
  
8,250 –––8K25
  
9,090 –––9K09
  
10,000
–––10K
  
10,500
–––10K5
  
11,000
–––11K
  
12,100 –––12K1
  
13,300
–––13K3
  
15,000
–––15K
  
16,200 –––16K2
  
18,200 –––18K2
  
20,000 –––20K
  
22,100 –––22K1
 
24,900 –––24K9
 
27,400 –––27K4  
30,100
–––30K1  
33,200 –––33K2  
37,400 –––37K4  
38,300
–––38K3  
40,200 –––40K2  
45,300 –––45K3  
49,900 –––49K9  
51,100
–––51K1 
56,200 –––56K2 
61,900 –––61K9 
68,100 –––68K1 
75,000 –––75K  
82,500 –––82K5
90,900 –––90K9
100,000
–––100K
150,000
–––150K
200,000 –––200K
=Standardvalues
= Non-standard values
subject to minimum
handling charge per
item
Shadedvaluesinvolve
very fine resistance wire
and should not be used
in critical applications
without burn-in and/or
thermal cycling.
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
8 1 N J R 1 0
80 Series
Acrasil®
Silicone Ceramic
Conformal Axial
Term. Wirewound
Resistance Value
R10 = 0.10Ω
1R0 = 1.0Ω
10R =10.0Ω
250 =
250Ω
1K0 = 1,000Ω
4K5 = 4,500Ω
50K = 50,000Ω
Tolerance
F= 1%
J = 5%
Wattage
1 = 1W
2
3
5
0 = 10W
Non-Inductive Winding
Optional (blank = std. winding)
Commercial Grade
RW Series
Military grade
Resistance Value
R100 = 0.1�
1R00 = 1.0�
10R0 = 10.0�
1000 = 100�
1001 = 1000�
� � � � � � � � � �
Tolerance
F = 1%
J = 5%
1002 = 10K�
1503 = 150K�
Military Grade
This product will
not be made avail-
able as RoHS
Compliant.
For RoHS
Compliant equiva-
lent, see 40 Series.
or D erin G in F ormation
80 series
Commercial Grade Acrasil®‚ Silicone-Ceramic
Conformal Axial Terminal Wirewound
1% Tolerance (5% available)
rW series
Military Grade 80 Series MIL-R-26 Qualified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com