Electronic Components Datasheet Search
  English  ▼

X  

89SERIES Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # 89SERIES
Description  High power to size ratio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

89SERIES Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  89SERIES Datasheet HTML 1Page - Ohmite Mfg. Co. 89SERIES Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
129
0.005–––R005
 
0.010–––R010
 
0.025–––R025
 
0.1–––R10
 
0.3–––R30
0.5–––R50
 
0.7–––R70
 
1.0–––1R0
  
1.5–––1R5 
2.0–––2R0   
3.0–––3R0   
4.0–––4R0 
5.0–––5R0   
10.0–––10R   
15.0–––15R
  
20 –––20R 
25 –––25R   
30 –––30R 
40 –––40R 
50 –––50R   
75 –––75R   
100 –––100   
150 –––150   
200 –––200   
250 –––250   
300 –––300  
400 –––400 
500 –––500   
750 –––750   
1,000 –––1K0   
1,500 –––1K5   
2,000 –––2K0   
2,500 –––2K5 
3,000 –––3K0   
3,500 –––3K5 
4,000 –––4K0 
4,500 –––4K5 
5,000 –––5K0   
6,000 –––6K0 
10,000 –––10K   
15,000 –––15K    
20,000 –––20K 
25,000 –––25K    
50,000 –––50K
75,000 –––75K
100,000 –––100K
=Standardvalues
=Non-standardvaluessubjecttominimum
handlingchargeperitem
Shadedvaluesinvolveveryfineresistancewire
andshouldnotbeusedincriticalapplications
withoutburn-inand/orthermalcycling.
Wattage
Part No.
Prefix
Suffix
Wattage
Part No.
Prefix
Suffix
Wattage
Part No.
Prefix
Suffix
805 N F5R0E
Series
805 = 5 Watt
810 = 10 watt
825 = 25 watt
850 = 50 watt
Ohms
R005= 0.005Ω
R10= 0.1Ω
1R0= 1.0Ω
250 =
250Ω
1K0= 1,000Ω
1K5= 1,500Ω
25K = 25,000Ω
RoHS
Compliant
Tolerance
F = 1%
J = 5%
Non-Inductive Winding
Optional (blank = std. winding)
As of September 2006,
the 89 Series is no longer
offered as Mil. Spec.
Dimensions have changed
as of August 2015
Dimensions
(in./mm)
89 series
Metal-Mite® Aluminum Housed
Axial Terminal Wirewound, 1% Tolerance
or D erin G in F ormation
F
B
E
A
G
J
L
D
H
K
C
810, 825, 850
805
Ø 2.0
±.25
2.1
±.1
Ø 1.27
±.13
A
2.16 min.
G
16AWG
min.
F
D
C
H
B
K
E
L
J
A
B
C
D
E
F
G
H
J
K
L
max.
max.
max.
max.
max.
±.3mm
±.3mm
max.
max.
max.
±.25mm
805
0.65" / 16.5 1.18" / 30.0 0.35" / 8.8
0.33" / 8.5 0.63" / 15.9 0.44" / 11.3 0.49" / 12.4 0.18" / 4.5
0.09" / 2.4
0.07" / 1.8
0.09" / 2.4
810
0.83" / 21.0 1.44" / 36.5 0.43" / 11.0 0.44" / 11.2 0.78" / 19.9 0.56" / 14.3 0.63" / 15.9 0.22" / 5.5
0.11" / 2.8
0.07" / 1.8
0.09" / 2.4
825
1.10" / 28.0 2.01" / 51.0 0.58" / 14.8 0.56" / 14.2 1.07" / 27.3 0.72" / 18.3 0.78" / 19.8 0.30" / 7.7
0.20" / 5.2
0.10" / 2.6
0.13" / 3.2
850
1.10" / 28.0 2.85" / 72.5 0.58" / 14.8 0.56" / 14.2 1.93" / 49.1 1.56" / 39.7 0.84" / 21.4 0.33" / 8.4
0.20" / 5.2
0.10" / 2.6
0.13" / 3.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com