Electronic Components Datasheet Search
  English  ▼

X  

85F Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 85F
Description  Military Grade 80 Series MIL-R-26 Qualified
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

85F Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  85F Datasheet HTML 1Page - Ohmite Mfg. Co. 85F Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
87
Commercial Grade
Military Grade
Watts
Ohms
Voltage
81F
RW70U
1
0.1-6K
150
82
2
0.1-8K
100
83F
RW79U
3
0.1-20K
200
83J
RW69V
85F
RW74U
5
0.1-75K
460
85J
RW67V
80F
RW78U
10
0.1-150K
1000
80J
RW68V
Non-Inductive versions available. Insert “N” before tolerance code. Example: 83NF2K21
LD
1.5 in. / 38.1mm
Ohmite’s highest quality conformal axial terminal
silicone-ceramic coated resistors for applications
requiring high precision and stability. These resistors
have a low temperature coefficient and maintain a
high degree of stability under demanding conditions.
Coating Silicone-ceramic
Core Ceramic
Terminals Solder-coated copper clad axial
Derating Linearly from 100% @ +25°C to 0% @ +275°C.
Tolerance ±5% (J type), ±1% (F type) (other tolerances available)
Power rating Based on 25°C free air rating
Maximum ohmic values See chart
Overload Under 5 watts: 5 times rated wattage for 5 seconds. 5 watts and over: 10 times
rated wattage for 5 seconds
Temperature coefficient Under 1Ω; ±90 ppm/°C
1 to 9.99Ω: ±50 ppm/°C
10Ω and over; ±20 ppm/°C
Dielectric withstanding voltage 500 VAC: 1 watt rating; 1000 VAC: 2, 3, 5, 7, and 10 watt rating
Fea tures
•Designedforprecisionpowerapplications
•All-weldedconstruction
•RWSeries“Mil”valueresistorsmarkedwith
“Mil”inaccordancewithMIL-R-26specifica-
tions
Chara C teristi C s
s eries spe C i F i C ations
Dimensions
(in./mm max.)
Watts
Length
Diam.
Lead gauge
81F
RW70U
1
0.437 / 11.1
0.125 / 3.2
24
82
2
0.406 / 10.3
0.219 / 5.6
20
83F
RW79U
3
0.593 / 15.1
0.218 / 5.5
20
83J
RW69V
85F
RW74U
5
0.937 / 23.8
0.343 / 8.7
18
85J
RW67V
80F
RW78U
10
1.842 / 46.8
0.406 /10.3
18
80J
RW68V
80 series
Commercial Grade Acrasil®‚ Silicone-Ceramic
Conformal Axial Terminal Wirewound
1% Tolerance (5% available)
rW series
Military Grade 80 Series MIL-R-26 Qualified
(continued)


Similar Part No. - 85F

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
85F TEC-85F Datasheet
159Kb / 5P
Dialysis Machines
logo
Ohmite Mfg. Co.
85F10R OHMITE-85F10R Datasheet
150Kb / 1P
Military Grade 80 Series MIL-R-26 Qualified
85F1K0 OHMITE-85F1K0 Datasheet
150Kb / 1P
Military Grade 80 Series MIL-R-26 Qualified
85F1R0 OHMITE-85F1R0 Datasheet
150Kb / 1P
Military Grade 80 Series MIL-R-26 Qualified
85F250 OHMITE-85F250 Datasheet
150Kb / 1P
Military Grade 80 Series MIL-R-26 Qualified
More results

Similar Description - 85F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RN60D3483FR36 VISHAY-RN60D3483FR36 Datasheet
160Kb / 5P
Metal Film Resistors, Military MIL-R-10509 Qualified, Type RN and MIL-PRF-22684 Qualified, Type RL
28-Aug-06
ERH VISHAY-ERH Datasheet
230Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
29-May-08
ESS VISHAY-ESS_08 Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
G-1-80 VISHAY-G-1-80 Datasheet
192Kb / 3P
Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
22-Mar-06
logo
Ohmite Mfg. Co.
81NFR10 OHMITE-81NFR10 Datasheet
150Kb / 1P
Military Grade 80 Series MIL-R-26 Qualified
logo
Vishay Siliconix
RN55E1002BR36 VISHAY-RN55E1002BR36 Datasheet
158Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
11-Mar-10
RN50C1501FB14 VISHAY-RN50C1501FB14 Datasheet
154Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified
02-May-13
RN55D2742F VISHAY-RN55D2742F Datasheet
154Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-May-13
RN55D5621F VISHAY-RN55D5621F Datasheet
154Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-May-13
CMF VISHAY-CMF Datasheet
146Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-May-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com