Electronic Components Datasheet Search
  English  ▼

X  

ASERIES Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # ASERIES
Description  High Surge Energy
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

ASERIES Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  ASERIES Datasheet HTML 1Page - Ohmite Mfg. Co. ASERIES Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
53
d I m ENSIONS
OR d ERIN g INFOR m ATION
Standard Values
Series
Part No.
Prefix 
Suffix
Series
Part No.
Prefix 
Suffix
Series
Part No.
Prefix 
Suffix
Series
Part No.
Prefix 
Suffix
1.0 –––10GK
1.2 –––12GK
1.5 –––15GK
1.8 –––18GK
2.2–––22GK
 
2.7–––27GK
3.3–––33GK 
  
3.9–––39GK

4.7–––47GK  
5.6–––56GK
6.8–––68GK
8.2–––82GK
10 –––100K     
12 –––120K
15 –––150K  
18 –––180K
22 –––220K     
27 –––270K
33 –––330K
   
39 –––390K  
 
47 –––470K  
56 –––560K
68 –––680K
 
82 –––820K
100 –––101K     
120 –––121K
150 –––151K  
180 –––181K
220 –––221K  
270 –––271K
330 –––331K
  
470 –––471K  
560 –––561K
680 –––681K
820 –––821K
1000 –––102K     
= Standard values
Non-standard values subject to a minimum handling charge per item.
Check product availability at
www.ohmite.com
A W 5 6 G K E
Ohm Value
Example:
33G = 3.3 Ohms
330 = 33 Ohms
331 = 330 Ohms
Tolerance
K = 10% std.
M = 20%
Size
RoHS compliant
P
L
D
H
S
Term. wire
avg.2
max.
max.
max.
norm.
gauge Weight
Series (watts)
(mm)
(mm)
(mm)
(mm)
(AWG)
(g)
AV
2.0
15
13
22
12.5
20
3.9
AW
2.5
20
13
19
17.5
20
5.4
AX
3.5
15
21
26
12.5
18
10
AY
4.5
25
21
26
22.5
18
19
AZ
5.5
30
26
27
18
33
L
S
D H
7.6mm
AV - AY
AZ
4.7mm
±0.7mm
Offset crimp width is
2x terminal wire gauge
16.7mm
L
S
D
AZ series also available
with crimps upon request
A Series
PulsEater® Ceramic Composition
Available in E12 Ohmic values



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com