Electronic Components Datasheet Search
  English  ▼

X  

AS08 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # AS08
Description  Anti-surge Thick Film Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

AS08 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  AS08 Datasheet HTML 1Page - Ohmite Mfg. Co. AS08 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
6
AS Series
Anti-surge Thick Film Chip Resistors
Fe A ture S
•Smallsizeandlightweight
•Suitableforbothwaveandreflowsoldering
•Canwithstandhighsurge
•Reductionofassemblycosts
Serie S S peci F ic Ation S
c h A r A cteri S tic S
Power
Max
Max
Dielectric
Rating
Working
Overload
Withstanding
Resistance
Type
at 70°C
Voltage
Voltage
Voltage
Range
AS08 (0805)
0.33W
150V
300V
500V
1Ω~10MΩ
AS12 (1206)
0.5W
200V
400V
500V
1Ω~10MΩ
AS25 (2512)
1.5W
500V
500V
500V
1Ω~20MΩ
Std. Oper. Temp. -55°C ~ +155°C
Standard Values E-24 values
Construction Thick film
Terminal material Silver, copper, nickel,
and tin, non-SAC alloy
Solderable finish Matte tin
Tolerance ±5% standard; ±10%
and ±20% available
Derating
Reflow
100
Ambient Temperature, °C
60
20
0
80
40
050
100
155
70
-55
300
Time
Preheating
150° ~ 180°
90 ±30sec.
Soldering
Cooling
200
50
0
250
100
150
230° ~ 245°/250°
20 ±10sec.
Test
ΔR
Test Methods (JIS C 5201-1 )
Temperature
Coefficient
1Ω-10Ω: ≤ ±400PPM/°C
(±200 PPM can be provid-
ed on a case to case basis)
11Ω-10MΩ: ≤ ±100PPM/°C
Natural ΔR/°C
R2-R1 x 106 (PPM/°C)
R1(t2-t1)
R1: at room temp. (T1)
R2: at room temp. plus 100°C (T2)
Test pattern: room temp. (T1), room
temp. +100°C(T2)
Short Time
Overload
±(1.0% + 0.1Ω) max.
Permanent ΔR after the application of a
potential of 2.5 times RCWV for 5 sec.
Terminal
Bending
±(1.0% + 0.05Ω) max.
Twist of Test Board: Y/X = 3/90 mm for
60 sec.
Soldering Heat ±(1.0% + 0.05Ω) max.
260°C±3°C for 10 ±1 sec.
Single Pulse ±(1.0% + 0.1Ω) max.
See graph on next page.
Humidity ±(3.0% + 0.1Ω) max.
Temporary ΔR after 240 hr. at 40 ±2°C
and 90-95% relative humidity
Load Life in
Humidity
±(3.0% + 0.1Ω) max.
ΔR after 1,000 hr. (1.5 hr. "on", 0.5 hr.
"off" ) at RCWV at 40 ±2°C and 90-95%
relative humidity
Load Life ±(3.0% + 0.1Ω) max.
ΔR change after 1,000 hr. operat-
ing at RCWV, with duty cycle of (1.5
hours"on", 0.5 hour"off") at 70°C ±2°C
ambient
Solderability Min. 95% coverage
Wave Solder: 245°C ±3°C for 2-3 sec.
Temperature
Cycling
±(1.0% + 0.05Ω) max.
ΔR after 5 cycles:
-55°C ±3°C 30 min.
Room temp. 10-15 min.
+155°C ±2°C 30 min.
4 Room temp. 10-15 min.
Dielectric
withstanding
voltage
No evidence of flashover,
mechanical damage, arcing
or insulation breakdown
Clamped in the trough of a 90°C metal-
lic v-block at specified AC potential
60-70 sec.


Similar Part No. - AS08

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AS0805N5GTR AVX-AS0805N5GTR Datasheet
384Kb / 5P
Square Air Core RF Inductors
AS0805N5JTR AVX-AS0805N5JTR Datasheet
384Kb / 5P
Square Air Core RF Inductors
AS0805N5KTR AVX-AS0805N5KTR Datasheet
384Kb / 5P
Square Air Core RF Inductors
AS0806N0GTR AVX-AS0806N0GTR Datasheet
384Kb / 5P
Square Air Core RF Inductors
AS0806N0JTR AVX-AS0806N0JTR Datasheet
384Kb / 5P
Square Air Core RF Inductors
More results

Similar Description - AS08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-P14D1003U PANASONIC-ERJ-P14D1003U Datasheet
177Kb / 6P
Anti-Surge Thick Film Chip Resistors
ERJ-P14J162U PANASONIC-ERJ-P14J162U Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-T08J1R0V PANASONIC-ERJ-T08J1R0V Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-P08J100V PANASONIC-ERJ-P08J100V Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-P14F1002U PANASONIC-ERJ-P14F1002U Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-P14J220U PANASONIC-ERJ-P14J220U Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-P06F1003V PANASONIC-ERJ-P06F1003V Datasheet
160Kb / 6P
Anti-Surge Thick Film Chip Resistors
ERJ-P14J2R4U PANASONIC-ERJ-P14J2R4U Datasheet
188Kb / 6P
Anti-Surge Thick Film Chip Resistors
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
Anti-Surge Thick Film Chip Resistors
logo
Rohm
SDR03 ROHM-SDR03 Datasheet
914Kb / 7P
Anti-surge Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com