Electronic Components Datasheet Search
  English  ▼

X  

BT302 Datasheet(PDF) 13 Page - BeRex Corporation

Part # BT302
Description  0.5-4.0 GHz 1W High Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT302 Datasheet(HTML) 13 Page - BeRex Corporation

Back Button BT302 Datasheet HTML 9Page - BeRex Corporation BT302 Datasheet HTML 10Page - BeRex Corporation BT302 Datasheet HTML 11Page - BeRex Corporation BT302 Datasheet HTML 12Page - BeRex Corporation BT302 Datasheet HTML 13Page - BeRex Corporation BT302 Datasheet HTML 14Page - BeRex Corporation BT302 Datasheet HTML 15Page - BeRex Corporation BT302 Datasheet HTML 16Page - BeRex Corporation BT302 Datasheet HTML 17Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
0.5-4.0 GHz 1W High Power Amplifier
BT302
13
Rev. B
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
Application Circuit: 2400 MHz
Schematic Diagram
BOM
Remark
C1
1206
10uF
C2
0603
1nF
C3
0603
100pF
C4
0603
100pF
C5
0603
100pF
C6
0603
1.5pF
C7
0603
2.2pF
C8
0603
1.2pF
L1
0805
18nH
Coil
U1
SOT89
BT302
Note:
1. Distance between the edge of the series cap(C6) and
the input pin of BT302 - 1.7mm.
2. Distance between the edge of the shunt ind(C7) and
the input pin of BT302 - 4.5mm.
3. Distance between the edge of the shunt cap(C8) and
the output pin of BT302 - 3.0mm.
Figure about the reference position of components
U1
C4
L1
C3
C2
C1
C5
RFin
RFout
Vcc
C8
C7
C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com