Electronic Components Datasheet Search
  English  ▼

X  

DF25V60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # DF25V60
Description  GENERAL PURPOSE RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

DF25V60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  DF25V60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd DF25V60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd DF25V60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd DF25V60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd DF25V60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DF25V60
600V 25A
Copyright & Copy;2001 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
RATINGS
SHINDENGEN
Case : STO-220
Unit : mm
Single
General Purpose Rectifiers
œAbsolute Maximum Ratings (If not specified Tc=25Ž)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55`150
Ž
Operating Junction Temperature
Tj
150
Ž
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Tc=136Ž
25
A
Peak Surge Forward Current
IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25Ž
400
A
Current Squared Time
I2t
1ms…tƒ10ms@ I j=25Ž
600
A2s
œElectrical Characteristics (If not specified Tc=25Ž)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF IF=25A, Pulse measurement
Max 1.10
V
Reverse Current
IR
VR=VRM, Pulse measurement
Max 10
ÊA
Thermal Resistance
Æjc junction to case
Max 0.5
Ž/W
1. Applicable to Automatic Insertion
2. High IFSM
FEATURES


Similar Part No. - DF25V60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DF25V60 ISC-DF25V60 Datasheet
320Kb / 2P
General Rectifying Diode
logo
Shindengen Electric Mfg...
DF25V60 SHINDENGEN-DF25V60_17 Datasheet
371Kb / 4P
Surface Mounting Device Single Diode
More results

Similar Description - DF25V60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
S1A FAIRCHILD-S1A Datasheet
68Kb / 3P
General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
General Purpose Rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
General Purpose Rectifiers
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com