Electronic Components Datasheet Search
  English  ▼

X  

MP3422 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3422
Description  6.5A, 600kHz High Efficiency, Synchronous Step-Up Converter with Output Disconnect in 2x2mm QFN Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3422 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3422 Datasheet HTML 8Page - Monolithic Power Systems MP3422 Datasheet HTML 9Page - Monolithic Power Systems MP3422 Datasheet HTML 10Page - Monolithic Power Systems MP3422 Datasheet HTML 11Page - Monolithic Power Systems MP3422 Datasheet HTML 12Page - Monolithic Power Systems MP3422 Datasheet HTML 13Page - Monolithic Power Systems MP3422 Datasheet HTML 14Page - Monolithic Power Systems MP3422 Datasheet HTML 15Page - Monolithic Power Systems MP3422 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP3422—6.5A, 600KHZ HIGH EFFICIENCY, SYNCHRONOUS, STEP-UP CONVERTER WITH OUTPUT DISCONNECT IN 2X2MM QFN PACKAGE
MP3422 Rev.1.01
www.MonolithicPower.com
12
8/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Current Sensing
Lossless current sensing converts the NMOS
switch current signal to a voltage which is
summed with the internal slope compensation.
The summed signal is compared to the error
amplifier output to provide a peak current
control command for the PWM. Minimum peak
switch current limit is 6.5A. The switch current
signal is blanked for about 60ns internally to
enhance noise rejection.
Output Disconnect
The MP3422 is designed to allow true output
disconnect
by
eliminating
body
diode
conduction of the internal PMOS rectifier. This
allows VOUT to go to zero volts during shutdown,
or isolate and maintain an external bias on VOUT.
It also allows for inrush current limit at start-up,
minimizing surge current seen by the input
supply. To obtain the advantage of output
disconnect, there must not be an external
Schottky diode connected between the switch
pin and VOUT.
Over Load and Short Circuit Protection
When an overload or a short circuit occurs, the
output voltage will drop. If Vout drops below
Vin+0.3V, the MP3422 will convert to step down
mode. If Vout drops below 1.7V, the device will
convert to linear charge mode. If Vout drops
below about 70% of the nominal output voltage,
the MP3422 will immediately shut down and re-
start after about 40μs as a new power-on cycle.
Over Voltage Protection
If Vout is higher than 7V, boost switching stops.
This prevents overvoltage from damaging the
internal power MOSFET.
When the output
drops below 7V, the device resumes switching
automatically.
Thermal Shutdown
The device contains an internal temperature
monitor.
The switches turn off if the die
temperature exceeds 150°C. The device will
resume
normal
operation
below
130°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com