Electronic Components Datasheet Search
  English  ▼

X  

MP3431GL Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3431GL
Description  21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter with Programmable Input Current Limit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3431GL Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3431GL Datasheet HTML 2Page - Monolithic Power Systems MP3431GL Datasheet HTML 3Page - Monolithic Power Systems MP3431GL Datasheet HTML 4Page - Monolithic Power Systems MP3431GL Datasheet HTML 5Page - Monolithic Power Systems MP3431GL Datasheet HTML 6Page - Monolithic Power Systems MP3431GL Datasheet HTML 7Page - Monolithic Power Systems MP3431GL Datasheet HTML 8Page - Monolithic Power Systems MP3431GL Datasheet HTML 9Page - Monolithic Power Systems MP3431GL Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
MP3431
– 21A, HIGH-EFFICIENCY, SYNC, BOOST CONVERTER W/ PROG CURRENT LIMIT
MP3431 Rev. 1.0
www.MonolithicPower.com
6
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = VEN = 3.3V, VOUT = 9V, L = 1.5μH, TA = 25°C, unless otherwise noted.
NOTE:
13) When VIN is higher than 3.4V, VIN supplies power to VDD, so the IQ on VIN rises to higher when VIN > 3.4V. When VIN is 3V, the higher
voltage source of either VIN or VOUT supplies VDD, so the IQ on VOUT rises higher when VOUT > 3V and VIN = 3V.
0
100
200
300
400
500
600
0
2
4
6
8
10
12
14
Input Voltage(V)
IQ (VIN Pin) vs. Input Voltage
VOUT=9V (13)
0
100
200
300
400
500
600
2
4
6
8
10
12
14
16
Output Voltage (V)
IQ (VOUTPin) vs. Output Voltage
VIN=3V (13)
0
0.5
1
1.5
2
2.5
2
4
6
8
10
12
14
Input Voltage(V)
Shutdown Current vs. Input Votlage
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
ILIM Resistor(kΩ)
Input Current Limit vs. ILIM Resistor
VOUT=9V
Vin=3.3V
Vin=6.6V
10
10.5
11
11.5
12
12.5
13
13.5
14
2
3
4
5
6
7
8
9
Input Voltage(V)
Input Current Limit vs. Input Voltage
RILIM=22kΩ
Vout=15V
Vout=9V
10
10.5
11
11.5
12
12.5
13
13.5
14
0
2
4
6
8
10
12
14
16
18
Output Voltage(V)
Input Current Limit vs. Output Voltage
RILIM=22kΩ
Vin=3.3V
Vin=6.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com