Electronic Components Datasheet Search
  English  ▼

X  

MP8758GL Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8758GL
Description  High Efficiency, 10A, 18V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758GL Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8758GL Datasheet HTML 11Page - Monolithic Power Systems MP8758GL Datasheet HTML 12Page - Monolithic Power Systems MP8758GL Datasheet HTML 13Page - Monolithic Power Systems MP8758GL Datasheet HTML 14Page - Monolithic Power Systems MP8758GL Datasheet HTML 15Page - Monolithic Power Systems MP8758GL Datasheet HTML 16Page - Monolithic Power Systems MP8758GL Datasheet HTML 17Page - Monolithic Power Systems MP8758GL Datasheet HTML 18Page - Monolithic Power Systems MP8758GL Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
MP8758–18V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER
MP8758 Rev. 1.0
www.MonolithicPower.com
15
1/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
and the low-side MOSFET turn on acting as an -
1A current source.
When the feedback voltage becomes lower than
60% of the target voltage, the UVP comparator
output goes high if the UV still occurs after 26us
delay; then the fault latch will be triggered---
latches HS off and LS on; the LS FET keeps on
until the inductor current goes zero. Also fault
latching can be reset by EN going low or Power-
cycling of VIN.
UVLO Protection
The
MP8758
has
under-voltage
lock-out
protection (UVLO). When the VCC voltage is
higher than the UVLO rising threshold voltage,
the part will be powered up. It shuts off when the
VCC voltage is lower than the UVLO falling
threshold voltage. This is non-latch protection. If
an application requires a higher under-voltage
lockout (UVLO), use the EN pin as shown in
Figure 9 to adjust the input voltage UVLO by
using two external resistors. It is recommended
to use the enable resistors to set the UVLO
falling threshold (VSTOP) above 4.5V. The rising
threshold (VSTART) should be set to provide
enough hysteresis to allow for any input supply
variations.
Figure 9—Adjustable UVLO
Thermal Shutdown
Thermal shutdown is employed in the MP8758.
The junction temperature of the IC is internally
monitored. If the junction temperature exceeds
the threshold value (typical 150ºC), the converter
shuts off. This is a non-latch protection. There is
about 25ºC hysteresis. Once the junction
temperature drops to about 125ºC, it initiates a
SS.
Output Discharge
MP8758 discharges the output when EN=low, or
the controller is turned off by the protection
functions (UVP & OCP, OCP, OVP, UVLO, and
thermal shutdown). The part discharges the
output using an internal 6Ω MOSFET.
EN Comparator
RUP
RDOWN
EN
MP8758
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com