Electronic Components Datasheet Search
  English  ▼

X  

LP38690-ADJ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38690-ADJ
Description  1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38690-ADJ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP38690-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP38690-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP38690-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP38690-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP38690-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP38690-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP38690-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP38690-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP38690-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Connection Diagrams
20126703
SOT-223, Top View
LP38692MP-ADJ
20126704
6-Lead LLP, Bottom View
LP38690SD-ADJ
20126705
6-Lead LLP, Bottom View
LP38692SD-ADJ
Pin Description
PIN
DESCRIPTION
V
IN
This is the input supply voltage to the regulator. For LLP package devices, both V
IN pins must be
tied together for full current operation (500mA maximum per pin).
GND
Circuit ground for the regulator. This is connected to the die through the lead frame, and also
functions as the heat sink when the large ground pad is soldered down to a copper plane.
V
OUT
Regulated output voltage.
V
EN
The enable pin allows the part to be turned ON and OFF by pulling this pin high or low.
ADJ
The adjust pin is used to set the regulated output voltage by connecting it to the external resistors
R1 and R2 (see Typical Application Circuit).
Ordering Information
Order Number
Package Marking
Package Type
Package Drawing
Supplied As
LP38690SD-ADJ
L112B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38692SD-ADJ
L122B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38692MP-ADJ
LJNB
SOT-223
MP05A
1000 Units Tape and Reel
LP38690SDX-ADJ
L112B
6-Lead LLP
SDE06A
4500 Units Tape and Reel
LP38692SDX-ADJ
L122B
6-Lead LLP
SDE06A
4500 Units Tape and Reel
LP38692MPX-ADJ
LJNB
SOT-223
MP05A
2000 Units Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com