Electronic Components Datasheet Search
  English  ▼

X  

LVM Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # LVM
Description  Current Sensing Metal Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

LVM Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  LVM Datasheet HTML 1Page - Ohmite Mfg. Co. LVM Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
11
ch ARA ct ER i S tic S
Land Pattern
A
B
C
0.40 1.20 0.9
0.70 1.05 0.9
0.9 1.70 1.70
1.50 1.40 1.70
4.00 2.00 3.50
Series
Size Res. mΩ
L
W
T
A
B
LVM06 0603 10-29 1.55 ±.10 0.85 ±.10 0.40 ±.10 0.30 ±.15 0.45 ±.15
30-100 1.55 ±.10 0.85 ±.10 0.40 ±.10 0.30 ±.15 0.35 ±.15
LVM12 1206 10-29 3.05 ±.15 1.55 ±.15 0.58 ±.15 0.50 ±.25 0.90 ±.25
30-100 3.05 ±.15 1.55 ±.15 0.55 ±.15 0.50 ±.25 0.60 ±.25
LVM25 2512 7-100 6.40 ±.25 3.20 ±.25 0.70 ±.20 0.90 ±.30 0.90 ±.30
Series
øA
øB
øC
W
T
Qty.
LVM06 178.0±1.0 60.0+1.0 13.5±0.7 9.5±0.1 11.5±1.0 5,000
LVM12 178.0±1.0 60.0+1.0 13.5±0.7 9.5±0.1 11.5±1.0 5,000
LVM25 178.0±1.5 60.0+1.0 13.0±0.5 13.0-±1.0 15.5±0.5 4,000
Series
A
B
W0
E
F
P0
P1
P2
øD0
T0
LVM06 1.10±0.10 1.90±0.10 8.0±0.20 1.75±0.10 3.50±0.05 4.00±0.10 4.00±0.05 2.00±0.05 1.50+0.1,-0 0.70±0.10
LVM12 1.90±0.10 3.50±0.20 8.0±0.20 1.75±0.10 3.50±0.05 4.00±0.10 4.00±0.05 2.00±0.05 1.50+0.1,-0 0.85±0.10
LVM25 3.50±0.10 6.70±0.10 12.0±0.30 1.75±0.10 5.5±0.05 4.00±0.10 4.00±0.10 2.00±0.05 1.50+0.1,-0 1.20 max.
LVM Series
Current Sensing Metal Chip Resistor
di ME n S ion S
(mm)
R EEL S p E ci F ic Ation S
(mm)
oR d ER ing in F o RMAtion
NotallTCR’savailableinallresistancevalues.Pleaseseecharacteristicschartabove.
LVM06FTR050E -TR
Series
Case Size
06 = 0603
12 = 1206
25 = 2512
Tolerance
D = 0.5%
F = 1%
G = 2%
J = 5%
TCR
Z= 75ppm
V= 50ppm
T= 100ppm
Ohms
R030 = 0.030
R100 = 0.100
Packaging
TR=Tape and reel
RoHS Compliant
øA
øB
W
øC
T
T0
T0
Top
tape
Paper
tape
Embossed
tape
LVM06
LVM12
LVM25
B
A
P2
E
F W
0
P1
D0
ø1.4mm min.
(plastic tape only)
Top
tape
P0
Direction of feed
Pre-heating
90 ~ 120 sec.
Max.
60 sec.
Max.
20 sec.
Cooling rate
~ 6K/sec.
Heat-up rate ~ 3K/sec.
Peak: 265°C
260°C / 10 sec.
150°
Number of reflow cycles allowed: 3
Time (sec.)
180°
220°
245°
Temp. (°C)
100°
Number of reflow cycles allowed: 2
Time (sec.)
150°
235°
265°
Temp. (°C)
First wave
Second wave
Typical values
Process limits
~5K/sec.
~200K/sec.
260°C / 10 sec.
~2K/sec.
~2K/sec.
B
A
C
L
W
T
A
B
Soldering condition
Tape
Reel
IRReflowSoldering
WaveSoldering(FlowSoldering)
(1) Time of IR reflow soldering at maximum temperature point 260°C, 10 sec.
(2) Time of wave soldering at maximum temperature point 260°C, 10 sec.
(3) Time of soldering iron at maximum temperature point 410°C, 5 sec.
LVM06FTR010E-TR
LVM06FTR015E-TR
LVM06FTR025E-TR
LVM06FTR050E-TR
LVM06FTR100E-TR
LVM12FTR010E-TR
LVM12FTR015E-TR
LVM12FTR025E-TR
LVM12FTR050E-TR
LVM12FTR100E-TR
LVM25FZR010E-TR
LVM25FVR015E-TR
LVM25FVR020E-TR
LVM25FVR025E-TR
LVM25FVR030E-TR
LVM25FVR050E-TR
LVM25FVR100E-TR
Standard Part Numbers
LVM06 and LVM12 only



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com