Electronic Components Datasheet Search
  English  ▼

X  

LP38692MP-ADJ Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38692MP-ADJ
Description  1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38692MP-ADJ Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP38692MP-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP38692MP-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP38692MP-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP38692MP-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP38692MP-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LP38692MP-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LP38692MP-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LP38692MP-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LP38692MP-ADJ Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Application Hints (Continued)
load changes above that frequency. This means the effective
output impedance of the IC at frequencies above 100 kHz is
determined only by the output capacitor(s).
In applications where the load is switching at high speed, the
output of the IC may need RF isolation from the load. It is
recommended that some inductance be placed between the
output capacitor and the load, and good RF bypass capaci-
tors be placed directly across the load.
PCB layout is also critical in high noise environments, since
RFI/EMI is easily radiated directly into PC traces. Noisy
circuitry should be isolated from "clean" circuits where pos-
sible, and grounded through a separate path. At MHz fre-
quencies, ground planes begin to look inductive and RFI/
EMI can cause ground bounce across the ground plane. In
multi-layer PCB applications, care should be taken in layout
so that noisy power and ground planes do not radiate directly
into adjacent layers which carry analog power and ground.
OUTPUT NOISE
Noise is specified in two ways- Spot Noise or Output Noise
density is the RMS sum of all noise sources, measured at
the regulator output, at a specific frequency (measured with
a 1Hz bandwidth). This type of noise is usually plotted on a
curve as a function of frequency. Total Output Noise or
Broad-Band Noise is the RMS sum of spot noise over a
specified bandwidth, usually several decades of frequencies.
Attention should be paid to the units of measurement. Spot
noise is measured in units µV/root-Hz or nV/root-Hz and total
output noise is measured in µV(rms)
The primary source of noise in low-dropout regulators is the
internal reference. Noise can be reduced in two ways: by
increasing the transistor area or by increasing the current
drawn by the internal reference. Increasing the area will
decrease the chance of fitting the die into a smaller package.
Increasing the current drawn by the internal reference in-
creases the total supply current (ground pin current).
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com