Electronic Components Datasheet Search
  English  ▼

X  

LVC20 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # LVC20
Description  Low Value Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

LVC20 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  LVC20 Datasheet HTML 1Page - Ohmite Mfg. Co. LVC20 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
10
LVC Series
Low Value Chip
Performan C e data
Moisture
resistance
60℃±2℃, 90%~95% RH,
Rated voltage 1.5h ON,
0.5h OFF, 1000h
±(0.5%+0.0005Ω)
Temperature
Cycle
-40℃ (30min.)/+125℃
(30min.), 5 cycles
±(0.5%+0.0005Ω)
Short Time
Overload
Rated voltage x 2.5 for 5s
±(0.5%+0.0005Ω)
Endurance 70℃±3℃, Rated voltage
1.5h ON, 0.5h OFF, 1000h
±(0.5%+0.0005Ω)
Resistance to
Solder Heat
260℃±5℃ for 10±1s
±(0.5%+0.0005Ω)
Terminal
strength
Bending width: 2mm for
10s±1s, Glass epoxy
substrate with thickness of
1.6mm
±(0.5%+0.0005Ω)
Solderability 245℃±5℃ for 3s±0.5s
Min. 90% coverage
Max.
Overload
Current
(A) Time applied: max.
10msec Interval: min. 60sec
LVC06
I=√(32/R)
LVC20
I=√(50/R)
LVC25
I=√(64/R)
Substrate Alumina 96%
Resistor Thick Film, Ni-Cr Alloy
Electrode Sn, Ni, Cu
Coating Epoxy resin
Max. Working Volts V = √PR (P = Rated Watts, R = Resistance
Value)
Derating 100% @ 70°C, Derates Linearly to Zero @
125°C
Operating temp.
range
-40℃ ~ +125℃
Soldering The recommended soldering condition for
both reflow and wave soldering is as follows:
Preheating:
150° ~ 180°C 60 ~ 120 sec.
Soldering:
min. 230°C
30 ~ 40 sec.
Max. temp.: max. 260°C
max. 10 sec.
Power
Max.
Resistance
TCR
Series
Rating
Current
Range*
ppm/°C
LVC06
0.5W
32A
10m-15m
500
18m-27m
350
33m-47m
200
50m- 4.7
100
LVC20
0.75W
40A
10m-15m
500
18m-27m
350
33m-47m
200
50m- 4.7
100
LVC25
1.0W
45A
10m-15m
500
18m-27m
350
33m-47m
200
50m- 4.7
100
* E-12 values and 20, 25, 50
Resistance Tolerance
10mΩ ~ 22mΩ
2%
27mΩ ~ 4.7Ω
1%
Ohmite’s LVC Series low value chip
resistors are ideal for today’s current
sense applications requiring low profile,
low cost solutions. Available in 0.5,
0.75, and 1 watt sizes, footprints are
1206, 2010, and 2512 size respectively.
These resistors are offered in ohmic
ranges from 0.10 to 4.7 ohms in stan-
dard 1% and 2% in E12 values depend-
ing on value.
The LVC Series resistors are well
suited for a variety of industrial and
commercial applications.
f ea ture S
• Industry Standard Sizes
• Terminal Barrier Resists Ag
Migration
• Working Temperature Range
is from -40°C to +125°C
• Designed for Automatic
Insertion
aPPL i C a tion S
• Switching Power Supplies
• Cellular
• Telecom and Wireless
• Computer
• RF
S erie S SP e C ifi C ation S
C hara C teri S ti CS


Similar Part No. - LVC20

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
LVC20 OHMITE-LVC20 Datasheet
360Kb / 2P
Computer
logo
List of Unclassifed Man...
LVC201B10 ETC2-LVC201B10 Datasheet
509Kb / 10P
Sealed Power Inductors
LVC201B12 ETC2-LVC201B12 Datasheet
509Kb / 10P
Sealed Power Inductors
logo
Ohmite Mfg. Co.
LVC20FR249E OHMITE-LVC20FR249E Datasheet
109Kb / 1P
Low Value Thick Film Chip
LVC20FR249EV OHMITE-LVC20FR249EV Datasheet
109Kb / 1P
Low Value Thick Film Chip
More results

Similar Description - LVC20

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LR1206 WELWYN-LR1206_04 Datasheet
537Kb / 2P
Low Value Flat Chip Resistor
logo
Panasonic Semiconductor
ERJM1W PANASONIC-ERJM1W Datasheet
148Kb / 11P
Low Resistance Value Chip Resistor
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
HTC210M ETC-HTC210M Datasheet
125Kb / 1P
Low Value Flat Chip Resistor
logo
Bourns Electronic Solut...
CRL0603-FW-R090ELF BOURNS-CRL0603-FW-R090ELF Datasheet
215Kb / 3P
Low Value Chip Resistors
logo
List of Unclassifed Man...
LQW2BHN6N8D03L ETC2-LQW2BHN6N8D03L Datasheet
469Kb / 2P
Low Value Flat Chip Resistor
logo
TT Electronics.
LRC-LR2010LF-01 TTELEC-LRC-LR2010LF-01 Datasheet
571Kb / 2P
Low Value Flat Chip Resistor
LRC-LRF3WLF-01 TTELEC-LRC-LRF3WLF-01 Datasheet
523Kb / 3P
LOW Value 3W Chip Resistors
logo
Bourns Electronic Solut...
CRL BOURNS-CRL Datasheet
225Kb / 3P
Low Value Chip Resistors
logo
Ohmite Mfg. Co.
FC4T OHMITE-FC4T Datasheet
416Kb / 2P
Metal Foil Low Value Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com