Electronic Components Datasheet Search
  English  ▼

X  

MCS3264 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # MCS3264
Description  Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MCS3264 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  MCS3264 Datasheet HTML 1Page - Ohmite Mfg. Co. MCS3264 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
16
Power
Ohm
Qty./
Part Number
Rating
Value
Reel
MCS1632R010FER 1W
0.01Ω
5000
MCS1632R015FER 1W
0.015Ω
5000
MCS1632R020FER 1W
0.02Ω
5000
MCS1632R025FER 1W
0.025Ω
5000
MCS1632R050FER 1W
0.05Ω
5000
MCS3264R005FER 2W
0.005Ω
4000
MCS3264R010FER 2W
0.01Ω
4000
MCS3264R015FER 2W
0.015Ω
4000
MCS3264R020FER 2W
0.02Ω
4000
MCS3264R025FER 2W
0.025Ω
4000
MCS3264R050FER 2W
0.05Ω
4000
MCS1632R005FE R
Series
Metal Alloy
Current Sense
Case Size
1632 =1w
3264 =2w
Tolerance
F= 1%
Ohms
R005 = 0.005‰
Taping Code
1632 = 5,000 pc/reel
3264 = 4,000 pc/reel
RoHS Compliant
Land Pattern
L
W
0.024"
0.60mm
a
N
L2
O
Packaging
(in./mm)
Tape width
Reel diam.
Weight
Size
±0.30mm
±0.50mm
Pc/Reel (g ±10)
MCS1632
0.315/8.00
7.00/178.0
5000
131
MCS3264 0.472/12.00 7.00/178.0
4000
291
Solder
Size
L
W
a
Thickness (µm)
MCS1632
0.126/3.20
0.063/1.60
0.020/0.50
105
MCS3264
0.252/6.40
0.126/3.20
0.040/1.00
105
MCS3264R005FER
0.075/1.9 ±.2
Solder
Size
Resistance
L2
O
N
Thickness Loading
MCS1632
≤8mΩ 0.60mm 1.84mm 2.80mm 105μm
1.0w
>8mΩ 1.20mm 1.84mm 2.50mm 105μm
1.0w
MCS3264
≤8mΩ 1.60mm 3.57mm 3.85mm 105μm
2.0w
>8mΩ 3.10mm 3.57mm 3.10mm 105μm
2.0w
p er F or M an C e Chara C teri S ti CS
Test Condition
Maximum ∆R
Short Time Overload JIS C 5201 4.13; Overload voltage 2.5x rated voltage for 5 sec.
±(0.5% +0.0005Ω)
High Temp. Exposure JIS C 5202 7.11; Test chamber 155 ±3°C for 1000 +48/-0 hours
±(0.5% +0.0005Ω)
Low Temp. Storage JIS C 5202 7.1; Test chamber -55 ±3°C for 96 ±4 hours
±(0.5% +0.0005Ω)
Endurance under Damp and Load JIS C 5202 7.9; Temp. 60 ±2°C, relative humidity 90-95%, rated
DC voltage applied 90 min. on, 30 min. off for 1000 +48/-0 hours
±(0.5% +0.0005Ω)
Thermal Shock JIS C 5202 7.4; -55 ±3°C for 30 min. to room temp for 2-3 min.
to +150 ±2°C for 30 min. to room temp for 2-3 min., 100 cycles
±(0.5% +0.0005Ω)
Load Life JIS C 5202 7.10; Temp. 70 ±2°C, rated DC voltage applied 90
min. on, 30 min. off for 1000 +48/-0 hours
±(1% +0.0005Ω)
Solderability JIS C 5202 6.5; Solder temp. 235 ±5°C, 2 ±0.5 sec. immersion
New solder min. 90% of terminal
Resistance to Solder Heat JIS C 5202 6.4; Solder temp. 260 ±5°C, 10 ±1 sec. immersion
±(0.5% +0.0005Ω)
Mechanical Shock JIS C 5202 6.2; Load 10N (1.02kgf) for 10 ±1 sec., middle of
specimen pressurized
±(0.5% +0.0005Ω)
Insulation Resistance JIS C 5202 5.6; DC 100 ±15V for 1 min.
>102MΩ
MCS Series
Metal Element Current Sense
Resistive Metal Alloy mOhm Technology, SMD
di M en S ion S
(in./mm±0.2)
ordering in F or M ation
rev 3/18-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com