Electronic Components Datasheet Search
  English  ▼

X  

IRF5305 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRF5305
Description  P-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF5305 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRF5305 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF5305 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc P-Channel MOSFET Transistor
IRF5305,IIRF5305
·
FEATURES
·
Static drain-source on-resistance:
RDS(on)≤0.06Ω
·
Enhancement mode:
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
DESCRIPTION
·
Combine with the fast switching speed and ruggedized device
design,provide the designer with an extremely efficient and
reliable device for use in a wide variety of applications.
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
-55
V
VGS
Gate-Source Voltage
±
20
V
ID
Drain Current-Continuous
-31
A
IDM
Drain Current-Single Pulsed
-110
A
PD
Total Dissipation @TC=25℃
110
W
Tj
Max. Operating Junction Temperature
175
℃
Tstg
Storage Temperature
-55~175
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(j-c)
Channel-to-case thermal resistance
1.4
℃
/W
Rth(j-a)
Channel-to-ambient thermal resistance
62
℃
/W


Similar Part No. - IRF5305

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5305 IRF-IRF5305 Datasheet
124Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
logo
Kersemi Electronic Co.,...
IRF5305 KERSEMI-IRF5305 Datasheet
3Mb / 8P
Advanced Process Technology
logo
EVER SEMICONDUCTOR CO.,...
IRF5305 EVVOSEMI-IRF5305 Datasheet
3Mb / 8P
-55V P-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF5305L IRF-IRF5305L Datasheet
171Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
logo
Kersemi Electronic Co.,...
IRF5305L KERSEMI-IRF5305L Datasheet
1Mb / 10P
Advanced Process Technology
More results

Similar Description - IRF5305

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2N7519 IRF-2N7519 Datasheet
18Kb / 1P
MOSFET Transistor P-Channel
logo
Inchange Semiconductor ...
IPD068P03L3 ISC-IPD068P03L3 Datasheet
340Kb / 2P
P-Channel MOSFET Transistor
IRF9Z34N ISC-IRF9Z34N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF5210 ISC-IRF5210 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF6218 ISC-IRF6218 Datasheet
333Kb / 2P
P-Channel MOSFET Transistor
IRF9530N ISC-IRF9530N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF9540N ISC-IRF9540N Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP80P06P ISC-SPP80P06P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP15P10P ISC-SPP15P10P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com