Electronic Components Datasheet Search
  English  ▼

X  

DAN-1 Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DAN-1
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAN-1 Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DAN-1 Datasheet HTML 1Page - PAIRUI GROUP INC. DAN-1 Datasheet HTML 2Page - PAIRUI GROUP INC. DAN-1 Datasheet HTML 3Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.pairuigroup.com
Page:
1/3
Date: 11/07/2015
* Subject to change without prior notice
DC-DC Converter
DIP-Package
DAN-1 SERIES, 1WATT, 1.5KVDC, ISOLATED, REGULATED
FEATURES:
1500Vdc isolation voltage
Single output models
Low ripple & noise
Operating temperature range -40
℃ to +85℃
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DAN1-0511
5(4.75~5.25)
5
20
200
71%
DAN1-0512
9
11.1
111
60%
DAN1-0513
12
8.3
83
64%
DAN1-0514
15
6.7
67
65%
DAN1-0515
24
4.2
42
62%
DAN1-1211
12(11.4~12.6)
5
20
200
72%
DAN1-1212
9
11.1
111
67%
DAN1-1213
12
8.3
83
65%
DAN1-1214
15
6.7
67
64%
DAN1-1215
24
4.2
42
66%
DAN1-1511
15(13.5~16.5)
5
20
200
70%
DAN1-1512
9
11.1
111
65%
DAN1-1513
12
8.3
83
65%
DAN1-1514
15
6.7
67
66%
DAN1-1515
24
4.2
42
66%
DAN1-2411
24(22.8~25.2)
5
20
200
65%
DAN1-2412
9
11.1
111
63%
DAN1-2413
12
8.3
83
63%
DAN1-2414
15
6.7
67
63%
DAN1-2415
24
4.2
42
65%
Notes: Other input and output models may available on request.
ELECTRICAL
Output voltage accuracy
---
±3% max
Line regulation
---
±0.25% max.
Load regulation
10% ~ 100% full load
±1% max.
Isolation voltage
Leakage current < 1mA/1min.
1500Vdc min.
Isolation resistance
Test at 500VDC
1000m
Ω min.
Switching frequency
---
100KHz typ.
Ripple & noise
Bend width 20MHz
60mVp-p max.


Similar Part No. - DAN-1

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
DAN-101 EXAR-DAN-101 Datasheet
25Kb / 3P
Replacing SCN68681 with XR68C681 DUART
DAN-102 EXAR-DAN-102 Datasheet
44Kb / 3P
Infrared Application
DAN-107 EXAR-DAN-107 Datasheet
35Kb / 4P
Interfacing 16Cxxx UARTs to a CPU
DAN-108 EXAR-DAN-108 Datasheet
60Kb / 15P
UART CRYSTAL OSCILLATOR DESIGN GUIDE
DAN-112 EXAR-DAN-112 Datasheet
35Kb / 4P
EXAR XR17C158/154/152 PCI UART EEPROM INTERFACE
More results

Similar Description - DAN-1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com