Electronic Components Datasheet Search
  English  ▼

X  

DAR-2 Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DAR-2
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAR-2 Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DAR-2 Datasheet HTML 1Page - PAIRUI GROUP INC. DAR-2 Datasheet HTML 2Page - PAIRUI GROUP INC. DAR-2 Datasheet HTML 3Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.pairuigroup.com
Page:
1/3
Date: 11/07/2015
* Subject to change without prior notice
DC-DC Converter
SIP-Package
DAR-2 SERIES, 2WATT, 1KVDC, REGULATED
FEATURES:
1000Vdc isolation voltage
Single output models
Operating temperature range -40
℃ to +85℃
Short circuit protection
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DAR2-0511
5(4.75~5.25)
5
40
400
70%
DAR2-0512
9
22.2
222
70%
DAR2-0513
12
16.7
167
70%
DAR2-0514
15
13.3
133
70%
DAR2-0515
24
8.3
83
70%
DAR2-1211
12(11.4~12.6)
5
40
400
70%
DAR2-1212
9
22.2
222
72%
DAR2-1213
12
16.7
167
70%
DAR2-1214
15
13.3
133
70%
DAR2-1215
24
8.3
83
72%
DAR2-1511
15(14.25~15.75)
5
40
400
71%
DAR2-1512
9
22.2
222
70%
DAR2-1513
12
16.7
167
72%
DAR2-1514
15
13.3
133
70%
DAR2-1515
24
8.3
83
72%
DAR2-2411
24(22.8~25.2)
5
40
400
71%
DAR2-2412
9
22.2
222
70%
DAR2-2413
12
16.7
167
72%
DAR2-2414
15
13.3
133
70%
DAR2-2415
24
8.3
83
72%
Notes: 1. other input and output models may available on request;
2. Add suffix “P” for continuous short circuit protection.
ELECTRICAL
Output voltage accuracy
---
±3% max.
Line regulation
---
±0.5% max.
Load regulation
10% ~ 100% full load
±1.5% max.
Isolation voltage
Leakage current < 1mA/1min.
1000Vdc min.
Isolation resistance
Test at 500VDC
1000m
Ω min.


Similar Part No. - DAR-2

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DAR-2F PAIRUI-DAR-2F Datasheet
405Kb / 3P
DC-DC Converter
More results

Similar Description - DAR-2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com