Electronic Components Datasheet Search
  English  ▼

X  

DAV-2F Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DAV-2F
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAV-2F Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DAV-2F Datasheet HTML 1Page - PAIRUI GROUP INC. DAV-2F Datasheet HTML 2Page - PAIRUI GROUP INC. DAV-2F Datasheet HTML 3Page - PAIRUI GROUP INC. DAV-2F Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.pairuigroup.com
Page:
1/4
Date: 11/07/2015
DC-DC Converter
SIP-Package
DAV-2F SERIES, 2WATT, REGULATED WITH 2:1 INPUT RANGE
FEATURES:
Wide (2:1) input voltage range
3000Vdc isolation voltage
Regulated single and dual output models
With remote off function
No overshoot when switch on & off
Continuous short circuit protection
Operating temperature range -40
℃ to +85℃
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DAV2-0511F
5(4.5~9)
5
30
400
72%
DAV2-0512F
9
22
220
74%
DAV2-0513F
12
16
166
74%
DAV2-0514F
15
13.6
136
76%
DAV2-0515F
24
8.4
84
76%
DAV2-0521F
±5
20
200
72%
DAV2-0522F
±9
11
110
72%
DAV2-0523F
±12
8.0
80
74%
DAV2-0524F
±15
6.6
66
76%
DAV2-0525F
±24
4.2
42
76%
DAV2-1211F
12(9~18)
5
30
400
76%
DAV2-1212F
9
22
220
76%
DAV2-1213F
12
16
166
78%
DAV2-1214F
15
13.6
136
78%
DAV2-1215F
24
8.4
84
78%
DAV2-1221F
±5
20
200
76%
DAV2-1222F
±9
11
110
78%
DAV2-1223F
±12
8.0
80
78%
DAV2-1224F
±15
6.6
66
78%
DAV2-1225F
±24
4.2
42
78%
DAV2-2411F
24(18~36)
5
30
400
78%
DAV2-2412F
9
22
220
78%
DAV2-2413F
12
16
166
78%
DAV2-2414F
15
13.6
136
80%
DAV2-2415F
24
8.4
84
80%
DAV2-2421F
±5
20
200
78%


Similar Part No. - DAV-2F

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DAV-2F PAIRUI-DAV-2F Datasheet
500Kb / 4P
DC-DC Converter
More results

Similar Description - DAV-2F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com