Electronic Components Datasheet Search
  English  ▼

X  

DAV-3 Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DAV-3
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAV-3 Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DAV-3 Datasheet HTML 1Page - PAIRUI GROUP INC. DAV-3 Datasheet HTML 2Page - PAIRUI GROUP INC. DAV-3 Datasheet HTML 3Page - PAIRUI GROUP INC. DAV-3 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.pairuigroup.com
Page:
1/4
Date: 09/09/2015
DC-DC Converter
SIP-Package
DAV-3 SERIES, 3WATT, REGULATED WITH 2:1 INPUT RANGE
FEATURES:
Wide (2:1) input voltage range
1500Vdc isolation voltage
Regulated single and dual output models
With remote off function
No overshoot when switch on & off
Continuous short circuit protection
Operating temperature range -40
℃ to +85℃
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DAV3-0511
5(4.5~9)
5
60
600
80%
DAV3-0512
9
33.3
333
80%
DAV3-0513
12
25
250
80%
DAV3-0514
15
20
200
80%
DAV3-0515
24
12.5
125
80%
DAV3-0521
±5
30
300
80%
DAV3-0522
±9
16.7
167
80%
DAV3-0523
±12
12.5
125
80%
DAV3-0524
±15
10
100
80%
DAV3-0525
±24
6.25
62.5
80%
DAV3-1211
12(9~18)
5
60
600
80%
DAV3-1212
9
33.3
333
80%
DAV3-1213
12
25
250
80%
DAV3-1214
15
20
200
80%
DAV3-1215
24
12.5
125
80%
DAV3-1221
±5
30
300
80%
DAV3-1222
±9
16.7
167
80%
DAV3-1223
±12
12.5
125
80%
DAV3-1224
±15
10
100
80%
DAV3-1225
±24
6.25
62.5
80%
DAV3-2411
24(18~36)
5
60
600
80%
DAV3-2412
9
33.3
333
80%
DAV3-2413
12
25
250
80%
DAV3-2414
15
20
200
80%
DAV3-2415
24
12.5
125
80%
DAV3-2421
±5
30
300
80%


Similar Part No. - DAV-3

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DAV-3 PAIRUI-DAV-3 Datasheet
506Kb / 4P
DC-DC Converter
DAV-3F PAIRUI-DAV-3F Datasheet
492Kb / 4P
DC-DC Converter
DAV-3F PAIRUI-DAV-3F Datasheet
478Kb / 4P
DC-DC Converter
DAV-3F PAIRUI-DAV-3F_19 Datasheet
478Kb / 4P
DC-DC Converter
DAV-3W PAIRUI-DAV-3W Datasheet
479Kb / 4P
DC-DC Converter
More results

Similar Description - DAV-3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com