Electronic Components Datasheet Search
  English  ▼

X  

MPM3620 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MPM3620
Description  24V Input 2A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3620 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MPM3620 Datasheet HTML 12Page - Monolithic Power Systems MPM3620 Datasheet HTML 13Page - Monolithic Power Systems MPM3620 Datasheet HTML 14Page - Monolithic Power Systems MPM3620 Datasheet HTML 15Page - Monolithic Power Systems MPM3620 Datasheet HTML 16Page - Monolithic Power Systems MPM3620 Datasheet HTML 17Page - Monolithic Power Systems MPM3620 Datasheet HTML 18Page - Monolithic Power Systems MPM3620 Datasheet HTML 19Page - Monolithic Power Systems MPM3620 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MPM3620 – SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
MPM3620 Rev. 1.1
www.MonolithicPower.com
16
2/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see “Typical Application” on page 1).
Choose R1 (refer to Table 1); R2 is then given
by:
OUT
R1
R2
V
1
0.798V
=
−
Figure 7. Feedback Network
See Table 1 and Figure 7 for the feedback
network and a list of recommended feedback
network
parameters
for
common
output
voltages.
Table 1. Recommended Parameters for Common Output Voltages
Small Solution Size(CIN=10µF,
COUT=22µF/0805/16V)
Low VOUT Ripple(CIN=10µF,
COUT=2X22µF/0805/16V)
VIN
(V)
VOUT
(V)
RAAM
(kΩ)
R1
(kΩ)
R2
(kΩ)
VOUT
PFM
Ripple
(mV)
(9)
VOUT
PWM
Ripple
(mV)
(10)
Load
Transient
(mV)
(11)
R1
(kΩ)
R2
(kΩ)
VOUT
PFM
Ripple
(mV)
(9)
VOUT
PWM
Ripple
(mV)
(10)
Load
Transient
(mV)
(11)
24
5
33.2 160 30.1
106
19.2
168
75 14.3
35
10.4
96
 
3.3
16.5 160
51
79
13.6
137
82 26.1
33
7.6
75
 
2.5
10
180 84.5
76
10.8
116
102 47.5
37
5.8
70
 
21
5
38.3 160 30.1
97
17.6
172
75 14.3
32
9.4
98
3.3
22.1 160
51
84
12.4
146
82 26.1
34
7
79
2.5
16.2 180 84.5
81
10
120
102 47.5
36
5.2
78
19
5
43.2 160 30.1
87
16.4
170
75 14.3
31
8.8
96
3.3
29.4 160
51
84
11.4
141
82 26.1
45
6.6
83
2.5
19.6 160
75
76
9.8
113
102 47.5
38
5
80
16
5
51.3 160 30.1
82
15.6
176
75 14.3
29
7.8
96
3.3
37.4 160
51
91
10.6
146
82 26.1
42
6
83
2.5
26.1 160
75
70
9.6
116
102 47.5
41
4.8
82
1.8
(12)
17.4 180 143
68
8.6
108
102
82
31
4
70
14
5
57.6 160 30.1
70
14.8
172
75 14.3
27
7.4
95
3.3
45.3 160
51
89
10.2
149
82 26.1
41
5.6
81
2.5
34
160
75
74
9.4
120
102 47.5
44
4.6
88
1.8
(12)
26.1 180 143
73
8.4
114
102
82
37
4.2
75
1.5
(12)
20.5 180 205
62
7.2
103
120 137
36
3.6
72
12
5
63.4 160 30.1
70
13.8
174
75 14.3
25
6.4
91
3.3
56
160
51
82
9.4
152
82 26.1
37
5.2
82
2.5
42.2 160
75
66
9
125
82 38.3
35
4.4
76
1.8
32.4 160 127
64
7.8
112
102
82
36
4
75
1.5
(12)
25.5 160 180
60
6.6
104
102 115
33
3.4
72
1.2
(12)
21
300 604
81
6.2
155
143 280
38
3
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com