Electronic Components Datasheet Search
  English  ▼

X  

MPM3682 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPM3682
Description  18V 10A Step-Down Power Module in 12x12x4mm QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3682 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPM3682 Datasheet HTML 1Page - Monolithic Power Systems MPM3682 Datasheet HTML 2Page - Monolithic Power Systems MPM3682 Datasheet HTML 3Page - Monolithic Power Systems MPM3682 Datasheet HTML 4Page - Monolithic Power Systems MPM3682 Datasheet HTML 5Page - Monolithic Power Systems MPM3682 Datasheet HTML 6Page - Monolithic Power Systems MPM3682 Datasheet HTML 7Page - Monolithic Power Systems MPM3682 Datasheet HTML 8Page - Monolithic Power Systems MPM3682 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MPM3682
– 18V 10A STEP-DOWN POWER MODULE
MPM3682 Rev. 1.02
www.MonolithicPower.com
4
7/11/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN to GND............. -0.3V to 21V
VSW(DC) to GND ..........................–1V to VIN+0.3V
VSW5 (30ns) to GND............. –3 V to VIN+3V or 24V
VBST .........................................–0.3 V to VIN+6V
All Other Pins to AGND.................
–0.3V to +6V
Continuous Power Dissipation (TA=+25)
(2)
QFN-65 (12mmx12mmx4mm) ...................... 50W
Continuous Output Current ......................... 12A
Junction Temperature .............................. 150
C
Lead Temperature ................................... 260
C
Storage Temperature..............
–55
C to +150C
MSL ................................................... Level 3
(5)
ESD (HBM) ................................................. 2kV
ESD (CDM)............................................... 500V
Recommended Operating Conditions
(3)
Supply Voltage VIN .......................... 4.5V to 18V
Output Voltage VOUT ........................ 0.65V to 5V
Enable Current IEN……………………..…....1mA
Ambient Temperature................
–40
C to +85C
Junction Temperature .............
–40
C to +125C
Thermal Resistance
(4)
θJA
θJC
QFN-57 (12mmx12mmx4mm)..16.2.....6.3 ..
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.
5) Need to get some test data from 1st sample for calibration
and evaluation for MSL Level 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com