Electronic Components Datasheet Search
  English  ▼

X  

LCG-H9RM Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LCG-H9RM
Description  SMD epoxy package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCG-H9RM Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LCG-H9RM Datasheet HTML 6Page - OSRAM GmbH LCG-H9RM Datasheet HTML 7Page - OSRAM GmbH LCG-H9RM Datasheet HTML 8Page - OSRAM GmbH LCG-H9RM Datasheet HTML 9Page - OSRAM GmbH LCG-H9RM Datasheet HTML 10Page - OSRAM GmbH LCG-H9RM Datasheet HTML 11Page - OSRAM GmbH LCG-H9RM Datasheet HTML 12Page - OSRAM GmbH LCG-H9RM Datasheet HTML 13Page - OSRAM GmbH LCG-H9RM Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2012-05-23
10
Version 1.0
LCG H9RM
Chromaticity Coordinate Shift 5) page 22
Farbortverschiebung 5) Seite 22
Cx,
Cy = f(I
F); TJ = 25 °C
within
= 500 ... 600 nm
Chromaticity Coordinate Shift 5) page 22
Farbortverschiebung 5) Seite 22
Cx,
Cy = f(I
F); TJ = 25 °C
full spectral range
18IDC10010004
200
400
600
800
1000
IF [mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
:
ΔCx
:
ΔCy
18IDC10010004
200
400
600
800
1000
IF [mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
:
ΔCx
:
ΔCy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com