Electronic Components Datasheet Search
  English  ▼

X  

IRF7809 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7809
Description  N-Channel Application-Specific MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7809 Datasheet(HTML) 1 Page - International Rectifier

  IRF7809 Datasheet HTML 1Page - International Rectifier IRF7809 Datasheet HTML 2Page - International Rectifier IRF7809 Datasheet HTML 3Page - International Rectifier IRF7809 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.irf.com
1
IRF7809/IRF7811
Parameter
Symbol
IRF7809
IRF7811
Units
Drain-Source Voltage
V
DS
30
28
V
Gate-Source Voltage
V
GS
±12
Continuous Drain or Source
T
A = 25°C
I
D
17.6
14
Current (V
GS ≥ 4.5V)
T
L = 90°C
16.3
13
A
Pulsed Drain Current

I
DM
100
100
Power Dissipation
T
A = 25°C
P
D
3.5
W
T
L = 90°C
3.0
Junction & Storage Temperature Range
T
J, TSTG
–55 to 150
°C
Continuous Source Current (Body Diode)
I
S
2.5
2.5
A
Pulsed Source Current

I
SM
50
50
•
N-Channel Application-Specific MOSFETs
• Ideal for CPU Core DC-DC Converters
• New
CopperStrapTM Interconnect for Lower
Electrical and Thermal Resistance
• Low Conduction Losses
• Low Switching Losses
• Minimizes Parallel MOSFETs for high
current applications
Description
These new devices employ advanced HEXFET® Power
MOSFET technology to achieve an unprecedented
balance of on-resistance and gate charge. The reduced
conduction and switching losses make them ideal for
high efficiency DC-DC converters that power the latest
generation of mobile microprocessors.
The IRF7809/IRF7811 employs a new
CopperStrapTM
interconnect technology pioneered by International
Rectifier to dramatically improve the electrial & thermal
resistance contribution of the package. The new
CopperStrap SO-8 power MOSFETs are capable of
current ratings over 17A and power dissipation of 3.5W
@ 25
°C ambient conditions, thereby reducing the need
for paralleled devices, improving efficiency and
reliability and reducing board space.
HEXFET® Chipset for DC-DC Converters
IRF7809
IRF7811
V
DS
30V
28V
R
DS(on)
7.5 m
Ω
11 m
Ω
Q
G
77.5 nC
23 nC
Q
sw
23.9 nC
7 nC
Q
oss
30 nC
31 nC
Absolute Maximum Ratings
Parameter
Max.
Units
Maximum Junction-to-Ambient
ƒ
Rθ
JA
35
°C/W
Maximum Junction-to-Lead
Rθ
JL
20
°C/W
Thermal Resistance
DEVICE RATINGS
To p V ie w
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
IRF7809/IRF7811
Provisional Datasheet
SO-8
1/19/00
PD - 93812
PD - 93813


Similar Part No. - IRF7809

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF7809 UMW-IRF7809 Datasheet
883Kb / 8P
30V N-Channel MOSFET
logo
International Rectifier
IRF7809A IRF-IRF7809A Datasheet
128Kb / 4P
Chipset for DC-DC Converters
IRF7809A IRF-IRF7809A Datasheet
133Kb / 4P
PROVISIONAL DATASHEET
IRF7809AV IRF-IRF7809AV Datasheet
114Kb / 8P
N-Channel Application-Specific MOSFETs
IRF7809AVPBF IRF-IRF7809AVPBF Datasheet
593Kb / 8P
N-Channel Application-Specific MOSFETs
More results

Similar Description - IRF7809

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7811AV IRF-IRF7811AV Datasheet
132Kb / 6P
N-Channel Application-Specific MOSFETs
IRLR8103V IRF-IRLR8103V Datasheet
151Kb / 8P
N-Channel Application-Specific MOSFETs
IRF7811AV IRF-IRF7811AV_05 Datasheet
111Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7822TRPBF IRF-IRF7822TRPBF Datasheet
148Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7811AVTRPBF IRF-IRF7811AVTRPBF Datasheet
116Kb / 6P
N-Channel Application-Specific MOSFETs
IRF7805ATRPBF IRF-IRF7805ATRPBF Datasheet
246Kb / 8P
N Channel Application Specific MOSFETs
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
N Channel Application Specific MOSFETs
IRF7811AVPBF IRF-IRF7811AVPBF_15 Datasheet
116Kb / 6P
N-Channel Application-Specific MOSFETs
IRLR8103 IRF-IRLR8103 Datasheet
42Kb / 4P
N-Channel Application-Specific MOSFETs
IRF7811WGPBF IRF-IRF7811WGPBF Datasheet
190Kb / 6P
N-Channel Application-Specific MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com