Electronic Components Datasheet Search
  English  ▼

X  

LCG-H9RN Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LCG-H9RN
Description  SMD epoxy package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCG-H9RN Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LCG-H9RN Datasheet HTML 6Page - OSRAM GmbH LCG-H9RN Datasheet HTML 7Page - OSRAM GmbH LCG-H9RN Datasheet HTML 8Page - OSRAM GmbH LCG-H9RN Datasheet HTML 9Page - OSRAM GmbH LCG-H9RN Datasheet HTML 10Page - OSRAM GmbH LCG-H9RN Datasheet HTML 11Page - OSRAM GmbH LCG-H9RN Datasheet HTML 12Page - OSRAM GmbH LCG-H9RN Datasheet HTML 13Page - OSRAM GmbH LCG-H9RN Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
2013-04-12
10
Version 1.1
LCG H9RN
Forward Current 5) page 24
Durchlassstrom 5) Seite24
IF = f (VF); TJ = 25 °C
Relative Luminous Flux 5) page 24 , 6) page 24
Relativer Lichtstrom 5) Seite24 , 6) Seite 24
V/ V(700 mA) = f(IF); TJ = 25 °C
21UI10015005
2.6
2.8
3.0
3.2
3.4
3.6
UF [V]
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
IF [mA]
21IB110015005
200 400 600 800 1000 1200 1400
IF [mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Φv
Φv(700 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com