Electronic Components Datasheet Search
  English  ▼

X  

LE-A-P1W Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LE-A-P1W
Description  OSTAR High Power Projection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-A-P1W Datasheet(HTML) 1 Page - OSRAM GmbH

  LE-A-P1W Datasheet HTML 1Page - OSRAM GmbH LE-A-P1W Datasheet HTML 2Page - OSRAM GmbH LE-A-P1W Datasheet HTML 3Page - OSRAM GmbH LE-A-P1W Datasheet HTML 4Page - OSRAM GmbH LE-A-P1W Datasheet HTML 5Page - OSRAM GmbH LE-A-P1W Datasheet HTML 6Page - OSRAM GmbH LE-A-P1W Datasheet HTML 7Page - OSRAM GmbH LE-A-P1W Datasheet HTML 8Page - OSRAM GmbH LE-A-P1W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2016-01-19
1
2016-01-19
OSRAM OSTAR Projection Power
Datasheet
Version 1.11 - OS-PCN-2015-011-A
LE A P1W
OSRAM OSTAR Projection Power is a high luminance
LED for projection applications.
Die OSRAM OSTAR Projection Power ist eine LED mit
hoher Leuchtdichte für Projektionsanwendungen.
Features:
Besondere Merkmale:
•
Package: OSTAR High Power Projection
•
Gehäusetyp: OSTAR High Power Projection
•
Technology: InGaAlP
•
Technologie: InGaAlP
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: amber (617 nm)
•
Farbe: amber (617 nm)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Projection
•
Projektion


Similar Part No. - LE-A-P1W

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LE-A-P1W AMSOSRAM-LE-A-P1W Datasheet
2Mb / 21P
OSRAM OSTAR® Projection Power
2020-11-05
More results

Similar Description - LE-A-P1W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEBP1W-EYFY-24 OSRAM-LEBP1W-EYFY-24 Datasheet
822Kb / 21P
OSTAR High Power Projection
LEBP3W01-GYHY-24 OSRAM-LEBP3W01-GYHY-24 Datasheet
824Kb / 20P
OSTAR High Power Projection
LEBP3W-GYHX-24 OSRAM-LEBP3W-GYHX-24 Datasheet
901Kb / 24P
OSTAR High Power Projection
LECGP1W-6T8T-1 OSRAM-LECGP1W-6T8T-1 Datasheet
1Mb / 23P
OSTAR High Power Projection
LECGP2W-7U6V-1 OSRAM-LECGP2W-7U6V-1 Datasheet
1Mb / 22P
OSTAR High Power Projection
LEAP2W01 OSRAM-LEAP2W01 Datasheet
824Kb / 20P
OSTAR High Power Projection
LECGP2W01 OSRAM-LECGP2W01 Datasheet
1Mb / 21P
OSTAR High Power Projection
LE-A-P3W-01 OSRAM-LE-A-P3W-01 Datasheet
808Kb / 20P
OSTAR High Power Projection
LE-B-P1W OSRAM-LE-B-P1W Datasheet
870Kb / 21P
OSTAR High Power Projection
LE-CG-P3A-01 OSRAM-LE-CG-P3A-01 Datasheet
929Kb / 22P
OSTAR High Power Projection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com