Electronic Components Datasheet Search
  English  ▼

X  

LE-B-P1W Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LE-B-P1W
Description  OSTAR High Power Projection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-B-P1W Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LE-B-P1W Datasheet HTML 7Page - OSRAM GmbH LE-B-P1W Datasheet HTML 8Page - OSRAM GmbH LE-B-P1W Datasheet HTML 9Page - OSRAM GmbH LE-B-P1W Datasheet HTML 10Page - OSRAM GmbH LE-B-P1W Datasheet HTML 11Page - OSRAM GmbH LE-B-P1W Datasheet HTML 12Page - OSRAM GmbH LE-B-P1W Datasheet HTML 13Page - OSRAM GmbH LE-B-P1W Datasheet HTML 14Page - OSRAM GmbH LE-B-P1W Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Version 1.13
LE B P1W
2017-12-11
11
Dominant Wavelength 6) page 20
Dominante Wellenlänge 6) Seite 20
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 12000 mA;
all dies operated in parallel
OHL04441
-6
∆λ
dom
nm
j
T
-40
20
0
-20
80
60
40
˚C 120
-4
-2
0
2
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com