Electronic Components Datasheet Search
  English  ▼

X  

LE-CG-P2A Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LE-CG-P2A
Description  ostar high power projection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-CG-P2A Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LE-CG-P2A Datasheet HTML 8Page - OSRAM GmbH LE-CG-P2A Datasheet HTML 9Page - OSRAM GmbH LE-CG-P2A Datasheet HTML 10Page - OSRAM GmbH LE-CG-P2A Datasheet HTML 11Page - OSRAM GmbH LE-CG-P2A Datasheet HTML 12Page - OSRAM GmbH LE-CG-P2A Datasheet HTML 13Page - OSRAM GmbH LE-CG-P2A Datasheet HTML 14Page - OSRAM GmbH LE-CG-P2A Datasheet HTML 15Page - OSRAM GmbH LE-CG-P2A Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LE CG P2A
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
ΔVF [V]
: CoD green
LE CG P2A
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φv
Φv(25°C)
: CoD green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com