Electronic Components Datasheet Search
  English  ▼

X  

LE-W-E3A Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LE-W-E3A
Description  OSTAR짰 - Lighting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-W-E3A Datasheet(HTML) 1 Page - OSRAM GmbH

  LE-W-E3A Datasheet HTML 1Page - OSRAM GmbH LE-W-E3A Datasheet HTML 2Page - OSRAM GmbH LE-W-E3A Datasheet HTML 3Page - OSRAM GmbH LE-W-E3A Datasheet HTML 4Page - OSRAM GmbH LE-W-E3A Datasheet HTML 5Page - OSRAM GmbH LE-W-E3A Datasheet HTML 6Page - OSRAM GmbH LE-W-E3A Datasheet HTML 7Page - OSRAM GmbH LE-W-E3A Datasheet HTML 8Page - OSRAM GmbH LE-W-E3A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LE W E3A
OSTAR
® - Lighting without Optics
Lead (Pb) Free Product - RoHS Compliant
2008-02-11
1
Besondere Merkmale
• Gehäusetyp: OSTAR
® - Lighting
• Besonderheit des Bauteils: extrem hohe
Helligkeit und Leuchtdichte dank
Oberflächenemission und niedrigem R
th
• Farbort: x = 0,33, y = 0,33 nach
CIE 1931 (weiß)
• typische Farbtemperatur: 5600 K
• Farbwiedergabeindex: 80
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Abstrahlende Fläche: 2,1 mm x 3,2 mm
•
Technologie: ThInGaN
®
•
Leuchtdichte: 20*10
6 cd/m²
•
optischer Wirkungsgrad: 36 lm/W bei 350 mA
• Montierbarkeit: verschraubbar
Lötpads für Verdrahtung
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-C
• Verpackungseinheit: pro Box 60 Stück
Anwendungen
• Strahler für die Allgemeinbeleuchtung
• Mikroskopbeleuchtung
• Verkehrszeichen
• Hochwertige Blitzlichter
Features
• package: OSTAR
® - Lighting
• feature of the device: outstanding brightness
and luminance due to pure surface emission
and low R
th
• color coordinates: x = 0.33, y = 0.33 acc. to
CIE 1931 (white)
• typ. color temperature: 5600 K
• color reproduction index: 80
• viewing angle: Lambertian Emitter (120°)
• light emitting surface: 2.1 mm x 3.2 mm
•
technology: ThInGaN
®
• Luminance: 20*10
6 cd/m²
•
optical efficiency: 36 lm/W at 350 mA
• mounting methods: screw holes
solder pads for wire attachment
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-C
method of packing: 60 pcs. per tray
Applications
• General lighting
• microscope illumination
• VMS (variable message signs)
• high end strobe light


Similar Part No. - LE-W-E3A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LE-W-E2A OSRAM-LE-W-E2A Datasheet
573Kb / 17P
OSTAR짰 - Lighting
More results

Similar Description - LE-W-E3A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEAS2W OSRAM-LEAS2W Datasheet
576Kb / 2P
OSRAM OSTAR짰 Projection
LECWE2B OSRAM-LECWE2B Datasheet
849Kb / 19P
OSTAR짰 - Lighting
LE-CW-E2A OSRAM-LE-CW-E2A Datasheet
475Kb / 18P
OSTAR짰 - Lighting
LE-CW-E2B OSRAM-LE-CW-E2B Datasheet
849Kb / 19P
OSTAR짰 - Lighting
LE-CW-E3A OSRAM-LE-CW-E3A Datasheet
722Kb / 19P
OSTAR짰 - Lighting
LE-CW-E3B OSRAM-LE-CW-E3B Datasheet
853Kb / 19P
OSTAR짰 - Lighting
LE-UW-E3B OSRAM-LE-UW-E3B Datasheet
662Kb / 17P
OSTAR짰 - Lighting
LE-W-E2A OSRAM-LE-W-E2A Datasheet
573Kb / 17P
OSTAR짰 - Lighting
SFH-4750 OSRAM-SFH-4750 Datasheet
289Kb / 7P
OSTAR짰 - Lighting IR 6-fold with Optics (850nm)
SFH-4751 OSRAM-SFH-4751 Datasheet
290Kb / 7P
OSTAR짰 - Lighting IR 6-fold with Optics (940nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com